Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029BCPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADUCM3029BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029BCPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADUCM3029BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 26 of 39
True Random Number Generator (TRNG)
The TRNG is used during operations where nondeterministic
values are required. These operations can include generating
challenges for secure communication or keys for an encrypted
communication channel. The generator can run multiple times
to generate a sufficient number of bits for the strength of the
intended operation. The TRNG can seed a deterministic
random bit generator.
Reliability and Robustness Features
The ADuCM3027/ADuCM3029 MCUs provide a number of
features that can enhance or help achieve certain levels of
system safety and reliability. While the level of safety is mainly
dominated by system considerations, the following features are
provided to enhance robustness.
ECC Enabled Flash Memory
The entire flash array can be protected to either correct single-
bit errors or detect two-bit errors per 64-bit flash data.
Multiparity Bit Protected SRAM
Each word of the SRAM and cache memory is protected by
multiple parity bits to allow detection of random soft errors.
Software Watchdog
The on-chip watchdog timer can provide software-based
supervision of the ADuCM3027/ADuCM3029.
Cyclic Redundancy Check (CRC) Accelerator
The CRC accelerator computes the CRC for a block of memory
locations. The exact memory location can be in the SRAM,
flash, or any combination of MMRs. The CRC accelerator
generates a checksum that can be compared with an expected
signature.
The main features of the CRC include the following:
Generates a CRC signature for a block of data.
Supports programmable polynomial length of up to 32 bits.
Operates on 32 bits of data at a time.
Supports MSB first and LSB first CRC implementations.
Various data mirroring capabilities.
Initial seed to be programmed by user.
DMA controller (memory to memory transfer) used for
data transfer to offload the MCU.
Programmable GPIOs
The ADuCM3027 and ADuCM3029 MCUs have 44 and 34
GPIO pins in the LFCSP and WLCSP packages, respectively.
Note that the ADuCM3029-1 and ADuCM3029-2 models have
44 GPIO pins and are available in the LFCSP only. These GPIO
pins have multiple, configurable functions defined by user code.
They can be configured as an input/output and have
programmable pull-up resistors. All GPIO pins are functional
over the full supply range.
In deep sleep mode, the GPIO pins retain their state. On reset,
the GPIO pins tristate.
Timers
The ADuCM3027/ADuCM3029 MCUs have three general-
purpose timers and a watchdog timer.
General-Purpose Timers
The ADuCM3027/ADuCM3029 MCUs have three identical
general-purpose timers, each with a 16-bit up and down
counter. The up and down counter can be clocked from one of
four user selectable clock sources. Any selected clock source
can be scaled down using a prescaler of 1, 16, 64, or 256.
Watchdog Timer (WDT)
The WDT is a 16-bit count down timer with a programmable
prescaler. The prescaler source is selectable and can be scaled by
a factor of 1, 16, or 256. The WDT is clocked by the 32 kHz on-
chip oscillator (LFOSC) and recovers from an illegal software
state. The WDT requires periodic servicing to prevent it from
forcing a reset or interrupt to the MCU.
Analog-to-Digital Converter (ADC) Subsystem
The ADuCM3027/ADuCM3029 MCUs integrate a 12-bit SAR
ADC with up to eight external channels. Conversions can be
performed in single or autocycle mode. In single mode, the
ADC can be configured to convert on a particular channel by
selecting one of the channels. Autocycle mode is provided to
reduce MCU overhead of sampling and reading individual
channel registers. The ADC can also be used for temperature
sensing and measuring battery voltage using dedicated
channels. Temperature sensing and battery monitoring cannot
be included with external channels in autocycle mode.
A digital comparator triggers an interrupt if ADC input is above
or below a programmable threshold. The ADC0_VIN0,
ADC0_VIN1, ADC0_VIN2, and ADC0_VIN3 input channels
can be used with the digital comparator.
Use the ADC in DMA mode to reduce MCU overhead by
moving ADC results directly into SRAM with a single interrupt
asserted when the required number of ADC conversions has
been completely logged to memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com