Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADUCM3029BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADUCM3029BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 27 of 39
The main features of the ADC subsystem include the following:
12-bit resolution.
Programmable ADC update rate from 10 KSPS to
1.8 MSPS.
Integrated input multiplexer that supports up to eight
channels.
Temperature sensing support.
Battery monitoring support.
Software selectable on-chip reference voltage generation—
1.25 V and 2.5 V.
Software selectable internal or external reference.
Autocycle mode—ability to automatically select a sequence
of input channels for conversion.
Averaging function—converted data on single-channel or
multiple channels can be averaged up to 256 samples.
Alert function—internal digital comparator for
ADC0_VIN0, ADC0_VIN1, ADC0_VIN2, and
ADC0_VIN3 channels. An interrupt is generated if the
digital comparator detects an ADC result above or below a
user defined threshold.
Dedicated DMA channel support.
Each channel, including temperature sensor and battery
monitoring, has a data register for conversion result.
Clocking
The ADuCM3027/ADuCM3029 MCUs have the following
clocking options:
26 MHz
Internal oscillator—HFOSC (26 MHz)
External crystal oscillator—HFXTAL (26 MHz or
16 MHz)
GPIO clock in—SYS_CLKIN
32 kHz
Internal oscillator—LFOSC
External crystal oscillator—LFXTAL
The clock options have software configurability with the
following exceptions:
HFOSC cannot be disabled when using an internal buck
regulator.
LFOSC cannot be disabled even if using LFXTAL.
Table 23. RTC Features
Features
RTC0
RTC1 (FLEX_RTC)
Resolution of
Time Base
(Prescaling)
Counts time at 1 Hz in units of seconds. Operationally,
RTC0 always prescales to 1 Hz (for example, divide by
32,768) and always counts real time in units of
seconds.
Can prescale the clock by any power of two from 0 to 15. It can
count time in units of any of these 16 possible prescale settings.
For example, the clock can be prescaled by 1, 2, 4, 8, …, 16,384, or
32,768.
Source Clock
LFXTAL.
Depending on the low frequency multiplexer (LFMUX)
configuration, the RTC is clocked by the LFXTAL or the LFOSC.
Wake-Up
Timer
Wake-up time is specified in units of seconds.
Supports alarm times down to a resolution of 30.52 μs, that is,
where the time is specified down to a specific 32 kHz clock cycle.
Number of
Alarms
One alarm only. Uses an absolute, nonrepeating
alarm time, specified in units of 1 sec.
Two alarms. One absolute alarm time and one periodic alarm,
repeating every 60 prescaled time units.
SensorStrobe
Mechanism
Not available.
SensorStrobe is an alarm mechanism in the RTC that sends an
output pulse via GPIOs to an external device to instruct the device
to take a measurement or perform some action at a specific time.
SensorStrobe events are schedule data specific target time
relative to the real-time count of the RTC. SensorStrobe can be
enabled in active, Flexi, and hibernate modes.
Input Capture
Not available.
Input capture takes a snapshot of the RTC when an external
device signals an event via a transition on one of the GPIO inputs
to the ADuCM3027/ADuCM3029. Typically, an input-capture
event is triggered by an autonomous measurement or action on
such a device, which then signals to the ADuCM3027/
ADuCM3029 that the RTC must take a snapshot of time
corresponding to the event. Taking the snapshot can wake up the
ADuCM3027/ADuCM3029 and cause an interrupt to the CPU. The
CPU can subsequently obtain information from the RTC on the
exact 32 kHz cycle on which the input capture event occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com