Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029BCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADUCM3029BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029BCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADUCM3029BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM3029BCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 22 of 39
THEORY OF OPERATION
ARM CORTEX-M3 PROCESSOR
The ARM Cortex-M3 core is a 32-bit reduced instruction set
computer (RISC). The length of the data can be 8 bits, 16 bits,
or 32 bits. The length of the instruction word is 16 bits or 32 bits.
The processor has the following features:
Cortex-M3 architecture
Thumb-2 instruction set architecture (ISA)
technology
Three-stage pipeline with branch speculation
Low latency interrupt processing with tail chaining
Single-cycle multiply
Hardware divide instructions
Nested vectored interrupt controller (NVIC)
(64 interrupts and 8 priorities)
Two hardware breakpoints and one watchpoint
(unlimited software breakpoints using Segger JLink)
Memory protection unit (MPU)
Eight region MPU with subregions and background
region
Programmable clock generator unit
Configurable for ultra low power operation
Deep sleep mode, dynamic power management
Programmable clock generator unit
ARM Cortex-M3 Memory Subsystem
The memory map of the ADuCM3027/ADuCM3029 is based
on the Cortex-M3 model from ARM. By retaining the standardized
memory mapping, it is easier to port applications across M3
platforms.
The ADuCM3027/ADuCM3029 application development is
based on memory blocks across code/SRAM regions. Internal
memory is available via internal SRAM and internal flash.
Code Region
Accesses in this region (0x0000 0000 to 0x0001 FC00 for the
ADuCM3027 and 0x0000 0000 to 0x0003 FFFF for the
ADuCM3029) are performed by the core and target the
memory and cache resources.
SRAM Region
Accesses in this region (0x2000 0000 to 0x2004 7FFF) are
performed by the ARM Cortex-M3 core. The SRAM region of
the core can otherwise act as a data region for an application.
Internal SRAM data region. This space can contain read/write
data. Internal SRAM can be partitioned between code and
data (SRAM region in M3 space) in 32 kB blocks. Access to
this region occurs at core clock speed with no wait states.
It also supports read/write access by the ARM Cortex-M3
core and read/write DMA access by system devices. It
supports exclusive memory accesses via the global
exclusive access monitor within the Cortex-M3 platform.
System memory mapped registers (MMRs). Various system
MMRs reside in this region.
System Region
Accesses in this region (0xE000 0000 to 0xF7FF FFFF) are per-
formed by the ARM Cortex-M3 core and are handled within
the Cortex-M3 platform.
CoreSight™ ROM. The read
-only memory (ROM) table
entries point to the debug components of the processor.
ARM APB Peripheral. This space is defined by ARM and
occupies the bottom 256 kB/128 kB of the system (SYS) region
(0xE000 0000 to 0xE004 0000) depending on the device used.
The space supports read/write access by the M3 core to the
internal peripherals of the ARM core (NVIC, system control
space (SCS), wake-up interrupt controller (WIC)), and
CoreSight ROM. It is not accessible by system DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com