Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT3520D Datasheet(PDF) 9 Page - OSRAM GmbH

Part # PLT3520D
Description  Augmented Reality, Mixed Reality
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT3520D Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button PLT3520D Datasheet HTML 3Page - OSRAM GmbH PLT3520D Datasheet HTML 4Page - OSRAM GmbH PLT3520D Datasheet HTML 5Page - OSRAM GmbH PLT3520D Datasheet HTML 6Page - OSRAM GmbH PLT3520D Datasheet HTML 7Page - OSRAM GmbH PLT3520D Datasheet HTML 8Page - OSRAM GmbH PLT3520D Datasheet HTML 9Page - OSRAM GmbH PLT3520D Datasheet HTML 10Page - OSRAM GmbH PLT3520D Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PLT3 520D
9 Version 1.1 | 2021-02-19
Glossary
1)
Operating/Forward current: IF is measured with an internal reproducibility of ±7 % (acc. to GUM with a
coverage factor of k = 3).
2)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
3)
Operating/Forward voltage: VF is measured with an internal reproducibility of ±0.05 V (acc. to GUM
with a coverage factor of k = 3).
4)
Wavelength: λpeak is measured with an internal reproducibility of ±0.3 nm (acc. to GUM with a cover-
age factor of k = 3).
5)
Brightness: The brightness values are measured with a tolerance of ±11%.
6)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
7)
Testing temperature: TA = 25°C (unless otherwise specified)
8)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com