Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT3520D Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PLT3520D
Description  Augmented Reality, Mixed Reality
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT3520D Datasheet(HTML) 1 Page - OSRAM GmbH

  PLT3520D Datasheet HTML 1Page - OSRAM GmbH PLT3520D Datasheet HTML 2Page - OSRAM GmbH PLT3520D Datasheet HTML 3Page - OSRAM GmbH PLT3520D Datasheet HTML 4Page - OSRAM GmbH PLT3520D Datasheet HTML 5Page - OSRAM GmbH PLT3520D Datasheet HTML 6Page - OSRAM GmbH PLT3520D Datasheet HTML 7Page - OSRAM GmbH PLT3520D Datasheet HTML 8Page - OSRAM GmbH PLT3520D Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PLT3 520D
1 Version 1.1 | 2021-02-19
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
PLT3 520D
Metal Can® TO38
Green Laser Diode in TO38 ICut Package
—
Augmented Reality, Mixed Reality
—
Measurement Levelling
—
Projection Home LED & Laser
—
Projection Professional LED & Laser
—
Stage Lighting (LED & Laser)
Features:
—
Optical output power (continuous wave): 100 mW (T
C = 25°C)
—
Optical output power (pulse wave): 140 mW (T
C = 25°C)
—
Efficient radiation source for cw and pulsed operation
—
Single mode semiconductor laser
—
High modulation bandwidth
—
Miniaturized TO38 ICut package
—
Laser diode isolated against package
—
Typical emission wavelength: 520 nm
Ordering Information
Type
Peak output power
Ordering Code
typ.
P
opt
PLT3 520D
140 mW
Q65112A6822
Pulse conditions: ≤ 10 µs, ≤ 50 % DC, ≤ 300 mA, 50 °C


Similar Part No. - PLT3520D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT3520FB OSRAM-PLT3520FB Datasheet
1Mb / 18P
Metal Can TO38 Green Laser Diode in TO38 ICut Package
Version 0.1 2023-06-21
More results

Similar Description - PLT3520D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP53C691 TI-MSP53C691 Datasheet
201Kb / 14P
MIXED-SIGNAL PROCESSOR
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
logo
Tripp Lite. All Rights ...
N261007AQ TRIPPLITE-N261007AQ Datasheet
473Kb / 2P
Augmented Cat6 (Cat6a) Snagless 10G Certified
logo
List of Unclassifed Man...
INAND7350 ETC1-INAND7350 Datasheet
1Mb / 4P
Transforming possibilities into reality
logo
Schneider Electric
AOABM3VZMSXMZZ SCHNEIDER-AOABM3VZMSXMZZ Datasheet
5Mb / 14P
EcoStruxure??Augmented Operator Advisor
September 2021 - V4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com