Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT3520D Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PLT3520D
Description  Augmented Reality, Mixed Reality
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT3520D Datasheet(HTML) 3 Page - OSRAM GmbH

  PLT3520D Datasheet HTML 1Page - OSRAM GmbH PLT3520D Datasheet HTML 2Page - OSRAM GmbH PLT3520D Datasheet HTML 3Page - OSRAM GmbH PLT3520D Datasheet HTML 4Page - OSRAM GmbH PLT3520D Datasheet HTML 5Page - OSRAM GmbH PLT3520D Datasheet HTML 6Page - OSRAM GmbH PLT3520D Datasheet HTML 7Page - OSRAM GmbH PLT3520D Datasheet HTML 8Page - OSRAM GmbH PLT3520D Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PLT3 520D
3 Version 1.1 | 2021-02-19
Characteristics
P
opt = CW mode: 80 mW; Pulse mode: 140 mW; Tcase = 25 °C
Parameter
Symbol
Values
Operating voltage 3)
CW P
opt = 110 mW
V
op
typ.
max.
6 V
8 V
Peak wavelength 4)
λ
peak
min.
typ.
max.
515 nm
520 nm
530 nm
Spectral bandwidth (FWHM)
∆λ
typ.
1 nm
Peak output power 5)
Pulse mode*
P
opt
min.
typ.
110 mW
140 mW
Peak output power 5)
CW with 240 mA
P
opt
min.
typ.
80 mW
100 mW
Peak output power
CW with 200 mA
P
opt
typ.
80 mW
Beam divergence (FWHM) parallel to pn-junction
CW P
opt = 110 mW
Θ
‖
min.
typ.
max.
5 °
6.2 °
8 °
Beam divergence (FWHM) perpendicular to pn-junction
CW P
opt = 110 mW
Θ
┴
min.
typ.
max.
18 °
22.5 °
25 °
Threshold current
I
th
typ.
max.
50 mA
90 mA
TE polarization
CW P
opt = 110 mW
P
TE
typ.
100:1
Modulation frequency
f
min.
100 MHz
Thermal resistance junction case real
R
thJC
typ.
38 K / W
*Pulse conditions: ≤ 10 µs, ≤ 50 % DC, ≤ 300 mA, 50 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com