Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT5520B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PLT5520B
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520B Datasheet(HTML) 1 Page - OSRAM GmbH

  PLT5520B Datasheet HTML 1Page - OSRAM GmbH PLT5520B Datasheet HTML 2Page - OSRAM GmbH PLT5520B Datasheet HTML 3Page - OSRAM GmbH PLT5520B Datasheet HTML 4Page - OSRAM GmbH PLT5520B Datasheet HTML 5Page - OSRAM GmbH PLT5520B Datasheet HTML 6Page - OSRAM GmbH PLT5520B Datasheet HTML 7Page - OSRAM GmbH PLT5520B Datasheet HTML 8Page - OSRAM GmbH PLT5520B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PLT5 520B
1 Version 1.3 | 2021-07-09
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
PLT5 520B
Metal Can® TO56
Green Laser Diode in TO56 Package
Optical output power (continuous wave): 110 mW
(Tcase=25°C)
—
—
Health Monitoring (Heart Rate Monitoring,
Pulse Oximetry)
—
—
Measurement Levelling
—
—
Projection Home LED & Laser
—
—
Projection Professional LED & Laser
Features:
—
—
Typical emission wavelength: 520 nm
—
—
Efficient radiation source for cw and pulsed operation
—
—
Single mode semiconductor laser
—
—
High modulation bandwidth
—
—
TO56 package with photo diode
Ordering Information
Type
Peak output power
Ordering Code
typ.
P
opt
PLT5 520B
110 mW
Q65112A0737


Similar Part No. - PLT5520B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5520 OSRAM-PLT5520 Datasheet
396Kb / 10P
SFH5711
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PLT5520DB_P OSRAM-PLT5520DB_P Datasheet
2Mb / 19P
Metal Can TO56 Green Laser Diode in TO56 Package
Version 1.0 2024-01-30
PLT5520EA_P OSRAM-PLT5520EA_P Datasheet
1Mb / 16P
Architecture / Garden Lighting (LED & Laser)
PLT5520EB_P OSRAM-PLT5520EB_P Datasheet
2Mb / 18P
Metal Can TO56 Green Laser Diode in TO56 Package
Version 0.1 2023-06-21
More results

Similar Description - PLT5520B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87427 NSC-PC87427 Datasheet
757Kb / 46P
ServerI/O with SensorPathTM Health Monitoring
logo
OSRAM GmbH
SFH2704 OSRAM-SFH2704 Datasheet
913Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX30110 MAXIM-MAX30110 Datasheet
711Kb / 37P
Optimized Pulse-Oximeter and Heart Rate AFE forWearable Health
Rev 0; 6/17
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
SFH7016 OSRAM-SFH7016 Datasheet
991Kb / 20P
?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2703 OSRAM-SFH2703 Datasheet
936Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2713 OSRAM-SFH2713 Datasheet
937Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX86140 MAXIM-MAX86140_V01 Datasheet
1Mb / 89P
Best-in-Class Optical Pulse Oximeter and Heart-Rate Sensor for Wearable Health
2021
logo
Renesas Technology Corp
OB1203 RENESAS-OB1203 Datasheet
1Mb / 72P
Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor
July 22, 2022
logo
Richtek Technology Corp...
RT1025 RICHTEK-RT1025 Datasheet
621Kb / 24P
Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com