Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3054AI01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 3054AI01
Description  4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

3054AI01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  3054AI01 Datasheet HTML 1Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 2Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 3Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 4Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 5Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 6Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 7Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 8Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Integrated
Circuit
Systems, Inc.
83054AGI-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 24, 2004
2
ICS83054I-01
4-BIT, 2:1,
SINGLE-ENDED MULTIPLEXER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
M
s
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
1
1F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
5
1
Ω
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
6
,
1
6
1
,
1
1
,
2
L
E
S
,
3
L
E
S
0
L
E
S
,
1
L
E
S
t
u
p
n
In
w
o
d
ll
u
P
.
e
l
b
a
T
n
o
i
t
c
n
u
F
t
u
p
n
I
l
o
r
t
n
o
C
e
e
S
.
s
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
5
1
,
2
1
,
9
,
5
,
20
Q
,
1
Q
,
2
Q
,
3
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
c
d
e
d
n
e
-
e
l
g
n
i
S
4
1
,
3V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
3
1
,
4D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
0
1
,
70
K
L
C
,
1
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
n
i
k
c
o
l
c
d
e
d
n
e
-
e
l
g
n
i
S
8V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
9E
Ot
u
p
n
Ip
u
ll
u
P
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
H
G
I
H
n
i
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
v
i
t
c
a
e
r
a
s
t
u
p
t
u
o
,
H
G
I
H
n
e
h
W
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 3. CONTROL INPUT FUNCTION TABLE
s
t
u
p
n
I
l
o
r
t
n
o
Cs
t
u
p
t
u
O
3
L
E
S2
L
E
S1
L
E
S0
L
E
S3
Q2
Q1
Q0
Q
0
000
0
K
L
C0
K
L
C0
K
L
C0
K
L
C
00
0
1
0
K
L
C0
K
L
C0
K
L
C1
K
L
C
00
1
0
0
K
L
C0
K
L
C1
K
L
C0
K
L
C
•
•
•
•
•
•
11
0
1
1
K
L
C1
K
L
C0
K
L
C1
K
L
C
11
1
0
1
K
L
C1
K
L
C1
K
L
C0
K
L
C
1
111
1
K
L
C1
K
L
C1
K
L
C1
K
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com