Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3054AI01 Datasheet (PDF) - Integrated Circuit Systems

3054AI01 Datasheet PDF - Integrated Circuit Systems
Part # 3054AI01
Download  3054AI01 Download
File Size   216.51 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER

3054AI01 Datasheet (PDF)

Go To PDF Page Download Datasheet
3054AI01 Datasheet PDF - Integrated Circuit Systems

Part # 3054AI01
Download  3054AI01 Click to download

File Size   216.51 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER

3054AI01 Datasheet (HTML) - Integrated Circuit Systems


3054AI01 Product details

GENERAL DESCRIPTION
The ICS83054I-01 is a 4-bit, 2:1, Single-ended Multiplexer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS83054I-01 has two selectable single-ended clock inputs and four single-ended clock outputs. The output has a VDDO pin which may be set at 3.3V, 2.5V, or 1.8V, making the device ideal for use in voltage translation applications. An output enable pin places the output in a high impedance state which may be useful for testing or debug. Possible applications include systems with up to four transceivers which need to be independently set for different rates. For example, a board may have four transceivers, each of which need to be independently configured for 1 Gigabit Ethernet or 1 Gigabit Fibre Channel rates. Another possible application may require the ports to be independently set for FEC (Forward Error Correction) or non-FEC rates. The device operates up to 250MHz and is packaged in a 16 TSSOP.

FEATURES
• 4-bit, 2:1 single-ended multiplexer
• Nominal output impedance: 15Ω (VDDO =3 .3V)
• Maximum output frequency: 250MHz
• Propagation delay: 2.5ns (typical)
• Input skew: 45ps (typical)
• Part-to-part skew: TBD
• Additive phase jitter, RMS (12KHz - 20MHz): 0.07ps (typical)
• Operating supply modes:
    VDD/VDDO
    3.3V/3.3V
    3.3V/2.5V
    3.3V/1.8V
    2.5V/2.5V
    2.5V/1.8V
• -40°C to 85°C ambient operating temperature




Similar Part No. - 3054AI01

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
KR Electronics, Inc.
3054 KR-3054 Datasheet
34Kb / 2P
Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3054 ETC2-3054 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
API Technologies Corp
3054 APITECH-3054 Datasheet
610Kb / 2P
Manual Step, Ruggedized SMA Connectors
logo
Heyco.
3054 HEYCO-3054 Datasheet
117Kb / 1P
Pry Out Plugs
More results


Similar Description - 3054AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A FEBRUARY 7, 2005
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
83052I RENESAS-83052I Datasheet
395Kb / 18P
2:1, Single-Ended Multiplexer
December 15, 2015
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com