Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3054AI01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 3054AI01
Description  4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

3054AI01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  3054AI01 Datasheet HTML 1Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 2Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 3Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 4Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 5Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 6Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 7Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 8Page - Integrated Circuit Systems 3054AI01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
83054AGI-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 24, 2004
1
ICS83054I-01
4-BIT, 2:1,
SINGLE-ENDED MULTIPLEXER
PRELIMINARY
GENERAL DESCRIPTION
The ICS83054I-01 is a 4-bit, 2:1, Single-ended Mul-
tiplexer and a member of the HiPerClockS™fam-
ily of High Performance Clock Solutions from ICS.
The ICS83054I-01 has two selectable single-ended
clock inputs and four single-ended clock outputs.
The output has a V
DDO pin which may be set at 3.3V, 2.5V, or
1.8V, making the device ideal for use in voltage translation ap-
plications. An output enable pin places the output in
a high impedance state which may be useful for testing or
debug. Possible applications include systems with up to four
transceivers which need to be independently set for different
rates. For example, a board may have four transceivers, each
of which need to be independently configured for 1 Gigabit
Ethernet or 1 Gigabit Fibre Channel rates. Another possible
application may require the ports to be independently set for
FEC (Forward Error Correction) or non-FEC rates. The device
operates up to 250MHz and is packaged in a 16 TSSOP.
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 4-bit, 2:1 single-ended multiplexer
• Nominal output impedance: 15
Ω (V
DDO =3 .3V)
• Maximum output frequency: 250MHz
• Propagation delay: 2.5ns (typical)
• Input skew: 45ps (typical)
• Part-to-part skew: TBD
• Additive phase jitter, RMS (12KHz - 20MHz):
0.
07ps (typical)
• Operating supply modes:
V
DD/VDDO
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
SEL0
CLK0
CLK1
SEL3
OE
Q0
Q3
0
1
0
1
Pulldown
Pulldown
Pulldown
Pulldown
Pullup
SEL3
Q3
VDDO
GND
Q2
SEL2
CLK1
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SEL0
Q0
VDDO
GND
Q1
SEL1
CLK0
OE
ICS83054I-01
16-Lead TSSOP
4.4mm x 3.0mm x 0.92mm package body
G Package
Top View
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - 3054AI01

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3054 ALLEGRO-3054 Datasheet
87Kb / 12P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
KR Electronics, Inc.
3054 KR-3054 Datasheet
34Kb / 2P
Notch filter 252 KHz Notch Frequency 50 ??SMA Connectors
logo
List of Unclassifed Man...
3054 ETC2-3054 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
API Technologies Corp
3054 APITECH-3054 Datasheet
610Kb / 2P
Manual Step, Ruggedized SMA Connectors
logo
Heyco.
3054 HEYCO-3054 Datasheet
117Kb / 1P
Pry Out Plugs
More results

Similar Description - 3054AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A FEBRUARY 7, 2005
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
83052I RENESAS-83052I Datasheet
395Kb / 18P
2:1, Single-Ended Multiplexer
December 15, 2015
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com