Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83948AYILF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS83948AYILF
Description  LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83948AYILF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS83948AYILF Datasheet HTML 1Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 2Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 3Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 4Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 5Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 6Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 7Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 8Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
83948AYI
www.icst.com/products/hiperclocks.html
REV. C DECEMBER 15, 2005
4
Integrated
Circuit
Systems, Inc.
ICS83948I
LOW SKEW, 1-TO-12
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
TABLE 5. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±0.3V, T
A
= -40° TO 85°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
5
2z
H
M
t
D
P
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
;
K
L
C
n
,
K
L
C
A
1
E
T
O
N
f
≤
z
H
M
0
5
15
2
.
25
7
.
3s
n
;
K
L
C
_
S
O
M
C
V
L
B
1
E
T
O
N
f
≤
z
H
M
0
5
12
4
s
n
t
)
o
(
k
s6
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
n
o
d
e
r
u
s
a
e
M
V
@
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
0
5
3s
p
t
)
p
p
(
k
s
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
6
,
3
E
T
O
N
K
L
C
n
,
K
L
C
n
o
d
e
r
u
s
a
e
M
V
@
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
5
.
1s
n
K
L
C
_
S
O
M
C
V
L
2s
n
t
R
e
m
i
T
e
s
i
R
t
u
p
t
u
OV
2
o
t
V
8
.
02
.
00
.
1s
n
t
F
e
m
i
T
ll
a
F
t
u
p
t
u
OV
2
o
t
V
8
.
02
.
00
.
1s
n
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
Oz
H
M
0
5
1
<
f0
0
8
-
2
/
e
l
c
y
C
t0
0
8
+
2
/
e
l
c
y
C
ts
p
t
L
Z
P
t
,
H
Z
P
4
E
T
O
N
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
1
1s
n
t
Z
L
P
t
,
Z
H
P
4
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
1
1s
n
t
S
e
l
b
a
n
E
k
c
o
l
C
;
e
m
i
T
p
u
t
e
S
5
E
T
O
N
o
t
N
E
_
K
L
C
K
L
C
n
,
K
L
C
1s
n
o
t
N
E
_
K
L
C
K
L
C
_
S
O
M
C
V
L
0s
n
t
H
e
l
b
a
n
E
k
c
o
l
C
;
e
m
i
T
d
l
o
H
5
E
T
O
N
o
t
K
L
C
n
,
K
L
C
N
E
_
K
L
C
1s
n
K
L
C
_
S
O
M
C
V
L
N
E
_
K
L
C
o
t
1s
n
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
A
1
E
T
O
NV
O
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
B
1
E
T
O
NV
D
D
o
t
t
u
p
n
i
e
h
t
f
o
t
n
i
o
p
s
s
o
r
c
r
o
2
/V
O
D
D
2
/.
t
u
p
t
u
o
e
h
t
f
o
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
4
E
T
O
N
.
k
c
o
l
c
t
u
p
n
i
e
h
t
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
o
t
e
v
i
t
a
l
e
r
e
r
a
s
e
m
i
t
d
l
o
H
d
n
a
p
u
t
e
S
:
5
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
6
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com