Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83948AYILF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83948AYILF
Description  LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83948AYILF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83948AYILF Datasheet HTML 1Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 2Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 3Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 4Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 5Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 6Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 7Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 8Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
83948AYI
www.icst.com/products/hiperclocks.html
REV. C DECEMBER 15, 2005
1
Integrated
Circuit
Systems, Inc.
ICS83948I
LOW SKEW, 1-TO-12
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
GENERAL DESCRIPTION
The ICS83948I is a low skew, 1-to-12 Differen-
tial-to-LVCMOS Fanout Buffer and a member
of the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The ICS83948I has
two selectable clock inputs. The CLK, nCLK
pair can accept most standard differential input levels. The
LVCMOS_CLK can accept LVCMOS or LVTTL input levels.
The low impedance LVCMOS outputs are designed to drive
50
Ω series or parallel terminated transmission lines. The
effective fanout can be increased from 12 to 24 by utilizing
the ability of the outputs to drive two series terminated lines.
The ICS83948I is characterized at 3.3V core/3.3V output.
Guaranteed output and part-to-part skew characteristics
make the ICS83948I ideal for those clock distribution ap-
plications demanding well defined performance and re-
peatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Twelve LVCMOS outputs
• Selectable LVCMOS clock or differential CLK, nCLK inputs
• CLK, nCLK pair can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• LVCMOS_CLK accepts the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 250MHz
• Output skew: 350ps (maximum)
• Part to part skew: 1.5ns (maximum)
• 3.3V core, 3.3V output
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
Q4
VDDO
Q5
GND
Q6
VDDO
Q7
CLK_SEL
LVCMOS_CLK
CLK
nCLK
CLK_EN
OE
VDD
GND
ICS83948I
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
LVCMOS_CLK
CLK
nCLK
1
0
CLK_EN
CLK_SEL
D
Q
LE
OE


Similar Part No. - ICS83948AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83948AYI-01 ICST-ICS83948AYI-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
ICS83948AYI-01T ICST-ICS83948AYI-01T Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
ICS83948AYI-147 ICST-ICS83948AYI-147 Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
ICS83948AYI-147LF ICST-ICS83948AYI-147LF Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
ICS83948AYI-147LFT ICST-ICS83948AYI-147LFT Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
More results

Similar Description - ICS83948AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
ICS83948I-147 ICST-ICS83948I-147 Datasheet
103Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 21, 2005
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
83948I IDT-83948I_16 Datasheet
291Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I-01 RENESAS-83948I-01 Datasheet
144Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS Fanout Buffer
March 18, 2016
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com