Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83948AYILF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS83948AYILF
Description  LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83948AYILF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS83948AYILF Datasheet HTML 1Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 2Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 3Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 4Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 5Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 6Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 7Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 8Page - Integrated Circuit Systems ICS83948AYILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
83948AYI
www.icst.com/products/hiperclocks.html
REV. C DECEMBER 15, 2005
5
Integrated
Circuit
Systems, Inc.
ICS83948I
LOW SKEW, 1-TO-12
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
3.3V OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
PART-TO-PART SKEW
OUTPUT SKEW
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
GND = -1.65V±0.15V
1.65V±0.15V
V
CMR
Cross Points
V
PP
nCLK
CLK
GND
V
DD
Q0:Q11
t
PW
t
PERIOD
V
DDO
2
V
DDO
2
V
DDO
2
t
PW
t
PERIOD
odc =
nCLK
CLK
Q0:Q11
t
PD
V
DDO
2
➤
V
DDO
2
LVCMOS_
CLK
Qx
Qy
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
PART 1
PART 2
tsk(pp)
V
DDO
2
V
DDO
2
Clock
Outputs
0.8V
2V
2V
0.8V
tR
t F
V
DD,
V
DDO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com