Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-830 Datasheet(PDF) 4 Page - Microchip Technology

Part # VC-830
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-830 Datasheet(HTML) 4 Page - Microchip Technology

  VC-830 Datasheet HTML 1Page - Microchip Technology VC-830 Datasheet HTML 2Page - Microchip Technology VC-830 Datasheet HTML 3Page - Microchip Technology VC-830 Datasheet HTML 4Page - Microchip Technology VC-830 Datasheet HTML 5Page - Microchip Technology VC-830 Datasheet HTML 6Page - Microchip Technology VC-830 Datasheet HTML 7Page - Microchip Technology VC-830 Datasheet HTML 8Page - Microchip Technology VC-830 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VC-830
DS20006510B-page 4
2021 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS, LVDS OPTION
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.375
2.5
2.625
V
Ordering Option
3.135
3.3
3.465
Current Consumption
IDD
29
mA
2.5V
30
3.3V
Frequency
Nominal Frequency
fN
100
200
MHz Ordering Option
Stability (Note 2)
±25
ppm
Ordering Option
±30
±50
±100
Outputs
Output Logic Level High (Note 3)
VOH
1.43
1.6
V
Output Logic Level Low (Note 3)
VOL
0.9
1.10
Output Amplitude
±247
±350
±454
mV
Differential Output Error
50
mV
Offset Voltage
1.125
1.25
1.375
V
Offset Voltage Error
50
mV
Output Leakage Current, Outputs
Disabled
30
µA
Output Rise and Fall Time (Note 3)
tr/tf
300
ps
Note 4
Load
100Ω Differential
Duty Cycle (Note 5)
DC
45
55
%
Phase Noise, 3.3V, 156.25 MHz
(Note 6)
ɸN
–79
dBc/Hz
10 Hz
–110
100 Hz
–130
1 kHz
–154
10 kHz
–160
100 kHz
–162
1 MHz
–163
10 MHz
–164
20 MHz
Phase Jitter, 156.25 MHz,
12 kHz to 20 MHz (Note 6)
ɸJ
43
64
fs
Note 1: The VC-830 power supply should be filtered. For example, a 10 µF, 0.1 µF, and 0.01 µF capacitor.
2: Includes calibration tolerance, operating temperature, supply voltage variations, aging, and IR reflow.
3: Figure 1-3 defines the test circuit and Figure 1-2 defines these parameters.
4: Output rise and fall time will be 600 ps (max.) for –40°C to +105°C operating temperature range.
5: Duty Cycle is measured as On/Time Period.
6: Measured using an Agilent E5052 Signal Source Analyzer at 25°C.
7: Outputs will be enabled if Enable/Disable is left open. There is an oscillation detection circuit that ensures
glitch free output upon power-up or enable.
8: In order to reduce current, the pull-up resistance is higher when VDD is set to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com