Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-830 Datasheet(PDF) 13 Page - Microchip Technology

Part # VC-830
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-830 Datasheet(HTML) 13 Page - Microchip Technology

Back Button VC-830 Datasheet HTML 9Page - Microchip Technology VC-830 Datasheet HTML 10Page - Microchip Technology VC-830 Datasheet HTML 11Page - Microchip Technology VC-830 Datasheet HTML 12Page - Microchip Technology VC-830 Datasheet HTML 13Page - Microchip Technology VC-830 Datasheet HTML 14Page - Microchip Technology VC-830 Datasheet HTML 15Page - Microchip Technology VC-830 Datasheet HTML 16Page - Microchip Technology VC-830 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2021 Microchip Technology Inc.
DS20006510B-page 13
VC-830
APPENDIX A: REVISION HISTORY
Revision A (May 2021)
• Converted Vectron document VC-830 to Micro-
chip data sheet template DS20006510A.
• Minor grammatical text changes throughout.
Revision B (August 2021)
• Added a plus/minus (±) symbol to each value
listed for Output Amplitude in the Electrical Char-
acteristics, LVDS Option table.
• Updated maximum package height to 1.2 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com