Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-830 Datasheet(PDF) 7 Page - Microchip Technology

Part # VC-830
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-830 Datasheet(HTML) 7 Page - Microchip Technology

Back Button VC-830 Datasheet HTML 3Page - Microchip Technology VC-830 Datasheet HTML 4Page - Microchip Technology VC-830 Datasheet HTML 5Page - Microchip Technology VC-830 Datasheet HTML 6Page - Microchip Technology VC-830 Datasheet HTML 7Page - Microchip Technology VC-830 Datasheet HTML 8Page - Microchip Technology VC-830 Datasheet HTML 9Page - Microchip Technology VC-830 Datasheet HTML 10Page - Microchip Technology VC-830 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2021 Microchip Technology Inc.
DS20006510B-page 7
VC-830
3.0
APPLICATION DIAGRAMS
3.1
LVPECL Application Diagrams
The VC-830 incorporates a standard PECL output scheme, which are unterminated FET drains. There are numerous
application notes on terminating and interfacing PECL logic and the two most common methods are a single resistor to
ground (Figure 3-1) and a pull-up/pull-down scheme as shown in Figure 3-2. AC-coupling capacitors are optional,
depending on the application and the input logic requirements of the next stage.
One of the most important considerations is terminating the Output and Complementary Outputs equally. An unused
output should not be left unterminated because if one of the two outputs is left open, it will result in excessive jitter on
both. PCB layout must take this and 50Ω impedance matching into account. Load matching and power supply noise are
the main contributors to jitter related problems.
FIGURE 3-1:
Pull-Down Resistor
Termination Scheme.
Figure 3-1 shows one option to terminate LVPECL
outputs and is optimized to reduce common mode
noise. R1 is 50Ω for 3.3V supply voltage and 18Ω for
2.5V.
FIGURE 3-2:
Pull-Up/Pull-Down
Termination.
Resistor values shown are typical for 3.3V operation.
For 2.5V operation, the resistor to ground is 62Ω and
the resistor to supply is 250Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com