Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840022 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840022
Description  FEMTOCLOCKS?줓RYSTAL-TO LVCMOS/LVTTL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840022 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840022 Datasheet HTML 1Page - Integrated Circuit Systems ICS840022 Datasheet HTML 2Page - Integrated Circuit Systems ICS840022 Datasheet HTML 3Page - Integrated Circuit Systems ICS840022 Datasheet HTML 4Page - Integrated Circuit Systems ICS840022 Datasheet HTML 5Page - Integrated Circuit Systems ICS840022 Datasheet HTML 6Page - Integrated Circuit Systems ICS840022 Datasheet HTML 7Page - Integrated Circuit Systems ICS840022 Datasheet HTML 8Page - Integrated Circuit Systems ICS840022 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
840022AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 11, 2005
1
Integrated
Circuit
Systems, Inc.
ICS840022
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
PRELIMINARY
GENERAL DESCRIPTION
The ICS840022 is a Gigabit Ethernet Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS.
The ICS840022 uses a 25MHz crystal to
synthesize 125MHz or 62.5MHz. The ICS840022
has excellent phase jitter performance, over the 1.875MHz –
20MHz integration range. The ICS840022 is packaged in a
small 8-pin TSSOP, making it ideal for use in systems with
limited board space.
FEATURES
• 1 LVCMOS/LVTTL output, 7Ω output impedence
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequencies: 125MHz or 62.5MHz (selectable)
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.55ps (typical)
• RMS phase noise at 125MHz:
Offset
Noise Power
100Hz .............. -106.3 dBc/Hz
1KHz .............. -126.3 dBc/Hz
10KHz .............. -131.7 dBc/Hz
100KHz .............. -130.8 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
ICS
ICS840022
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VDDA
OE
XTAL_OUT
XTAL_IN
1
2
3
4
VDD
Q0
GND
FREQ_SEL
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
OSC
Phase
Detector
VCO
560MHz-680MHz
w/25MHz Ref.
M = ÷25 (fixed)
0
1
÷10
÷5
XTAL_IN
XTAL_OUT
OE
FREQ_SEL
Q0
s
t
u
p
n
I
s
e
i
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
l
a
t
s
y
r
c
z
H
M
5
2
a
h
t
i
w
(
L
E
S
_
Q
E
R
F
0z
H
M
5
2
1
1z
H
M
5
.
2
6
FUNCTION TABLE
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS840022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840022I-02 IDT-ICS840022I-02 Datasheet
375Kb / 14P
FemtoClock Crystal-to-LVCMOS/LVTTL
logo
Renesas Technology Corp
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
More results

Similar Description - ICS840022

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840011 ICST-ICS840011 Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840021 ICST-ICS840021 Datasheet
202Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
IDT5V925BI IDT-IDT5V925BI Datasheet
835Kb / 18P
Programmable LVCMOS/LVTTL Clock Generator
ICS840001I-25 IDT-ICS840001I-25 Datasheet
451Kb / 12P
FEMTOCLOCK LVCMOS LVTTL CLOCK GENERATOR
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
840001I-25 IDT-840001I-25 Datasheet
274Kb / 13P
FemtoClock LVCMOS/LVTTL Clock Generator
logo
Renesas Technology Corp
IDT5V925BI RENESAS-IDT5V925BI Datasheet
414Kb / 19P
Programmable LVCMOS/LVTTL Clock Generator
March 10, 2016
ICS87949I-01 RENESAS-ICS87949I-01 Datasheet
244Kb / 15P
LVCMOS / LVTTL CLOCK GENERATOR
MAY 1, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com