Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4366
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 4Page - Analog Devices LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC4249
8
Rev. 0
For more information www.analog.com
OPERATION
The LTC4249 is a two channel 65V electronic circuit
breaker (ECB) with current monitoring outputs. Circuit
breaker input IN1 has a 6V to 65V voltage input range
and provides internal operating bias for the LTC4249. IN2
input range is 1.5V to 65V when IN1 is biased. Load cir-
cuits typically connect to OUT. The circuit breakers close
when EN is high and open when EN is low. The ready
(RDY) outputs pull low when the ECBs are off and are
released when ECBs are on.
When RDY is released, an accurate scaled replica of the
output load current is sourced from the IMON outputs. A
resistor connected from IMON to GND converts the scaled
current to a voltage. If the IMON voltage exceeds 1.2V,
an overcurrent fault is deemed to exist; the ECB turns off
and RDY pulls low.
Each enable input is compared to an internal 0.8V refer-
ence to enable or disable its respective channel. While
a standard GPIO can be used to drive these inputs, the
precision reference allows an external resistive divider to
be used as an adjustable UVLO (undervoltage lockout)
based on the applied input voltage. If the applied voltage
falls below the EN falling threshold, the circuit breaker
turns off. See the Applications Information for examples.
When initially enabled, the ECB enters a current limited
operating phase, limiting inrush current without the
need for external components. During the current lim-
ited operating phase, OUT is charged with a 1A current
source for 10ms. Maximum allowable OUT capacitance
is 100µF. If OUT fails to charge beyond 1.2V in the first
300µs after enable, the output is deemed shorted and the
circuit breaker turns off. At the successful conclusion of
the current limited operating phase, the ECB enters low
RON operation (75mΩ typical).
At this point, the analog current monitor function begins
to source current to the IMON output. The 5% accurate
current monitor produces 100µA/A of output load current,
useful for closed loop load bias control or monitoring
(see Applications Information for details). Internally, two
comparators with different thresholds sense the voltage
developed on the IMON output. The primary threshold
comparator has a 1.2V threshold. It contains built-in filter-
ing to remove glitches which could cause chatter near the
primary threshold. The filter characteristic is shown in the
Applications Information. The secondary comparator has
a 2.4V threshold with a 2µs response time, to quickly open
the ECB in situations with large overcurrent.
Overcurrent (VIMON > 1.2V) or short-circuit (OUT < 1.2V)
faults latch the circuit breaker off. Toggling EN clears the
latch and turns the circuit breaker on. After an overtem-
perture fault, both channels turn off. The enables must
be toggled in order to turn the respective ECBs back on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com