Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4366
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices LTC4366 Datasheet HTML 20Page - Analog Devices LTC4366 Datasheet HTML 21Page - Analog Devices LTC4366 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC4249
22
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
09/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC4368
LTC4367 + Bidirectional Circuit Breaker ±50mV or 50mV/–3mV Circuit Breaker Thresholds; MSOP-10, DFN-10 Packages
LTC4367
100V Overvoltage, Undervoltage and
Reverse Supply Protection Controller
Wide Operating Range: 2.5V to 60V, Protection Range: –40V to 100V, No TVS Required for
Most Applications
LTC4365
Overvoltage, Undervoltage and Reverse
Supply Protection Controller
Wide Operating Range: 2.5V to 34V, Protection Range: –40V to 60V, No TVS Required for
Most Applications
LTC4366
High Voltage Surge Stopper
9V to >500V Operation, 8-Pin TSOT and 3mm × 2mm DFN Packages
LTC4364
Surge Stopper with Ideal Diode
4V to 80V Operation, –40V Reverse Input, –20V Reverse Output
LT4363
High Voltage Surge Stopper with
Current Limit
Wide Operating Range: 4V to 80V, Reverse Protection to –60V, Adjustable Output Clamp
Voltage
LTC4361
Overvoltage/Overcurrent Protection
Controllers
5.8V Overvoltage Threshold, 85V Absolute Maximum
LTC4380
8µA IQ Surge Stopper
4V to 72V Operation, Pin Selectable Clamp Voltage
ECB For Industrial Application with UV, OV, OC and Reverse Current Protection
RUV1
140k
RUV2
10k
ROV
137k
TO LOAD
15V
RIMON1
100F
CLOAD
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
10F
C1
10k
DC/DC
MCU
DIGITAL
ISOLATOR
RIMON2
10k
SOME CONNECTIONS
OMITTED FOR CLARITY
4249 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com