Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4366
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC4249
9
Rev. 0
For more information www.analog.com
The LTC4249 finds great utility in RF Power Amplifier (PA)
and industrial safety applications. Massive MIMO arrays
with defective elements can be automatically isolated from
a common power bus, preventing unwanted bus loading.
The LTC4249 provides two 65V electronic circuit breakers
with built-in protection and current monitoring circuitry.
Enable (EN) inputs and ready (RDY) outputs make bias
sequencing applications painless.
Short-circuit protection and automatic inrush control
requires no external components. Overcurrent (OC)
threshold accuracy (±5%) minimizes over-design of input
power supplies.
Precise enable input and current monitor thresholds allow
undervoltage (UV), overvoltage (OV), overcurrent (OC)
and short-circuit (SC) detection and protection. Back-to-
back connections of the ECBs permit reverse OC pro-
tection and isolation applications. Each OC threshold is
configured with a single resistor.
ECB channels may be paralleled for load current sharing.
A skipped lead package option is available for high volt-
age spacing requirements. An integrated backside thermal
pad for printed circuit board design allows high ambient
temperature and high current applications.
Enabling an ECB Channel
An input logic signal from a controller may be used to
enable a circuit breaker channel. The EN input threshold
is 0.8V, which accommodates low-voltage logic opera-
tion and/or resistively configured undervoltage lockout.
Figure 1 shows a simplified enable application using a
microcontroller open-drain output and an opto-isolator.
The ECBs turn on when the switches release pull down
on the EN inputs. The resistors at the EN inputs provide
pull-up capability and keep the maximum voltage at EN
below the absolute maximum of 5.5V.
APPLICATIONS INFORMATION
R2
10k
R1
121k
R3
10k
TO LOAD
65V
RIMON1
10k
22µF
C1
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1µF
C2
SOME CONNECTIONS
OMITTED FOR CLARITY
µC
EN1
EN2
RIMON2
1.5V
10k
Figure 1. Switch Based Enable
Because the EN input threshold is ±2.5% accurate over
temperature, a resistive divider can be connected to EN
and a power supply, to form a voltage based enable with
undervoltage (UV) lockout. If the monitored voltage is too
low, the ECB channel is disabled.
Figure 2 demonstrates a voltage based enable using exter-
nal 1% tolerance resistors. The desired UV threshold is
10.8V. The application assumes that the monitored supply
is nominally 12V.
TO LOAD
12V
RIMON
10k
22µF
C1
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1µF
C2
SOME CONNECTIONS
OMITTED FOR CLARITY
R2
8.06k
R1
100k
UV THRESHOLD
RISING = 10.73V
UV THRESHOLD
FALLING = 10.26V
Figure 2. Voltage Based Enable with
Undervoltage Lockout and Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com