Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF8563
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 53Page - NXP Semiconductors PCF8563 Datasheet HTML 54Page - NXP Semiconductors PCF8563 Datasheet HTML 55Page - NXP Semiconductors PCF8563 Datasheet HTML 56Page - NXP Semiconductors PCF8563 Datasheet HTML 57Page - NXP Semiconductors PCF8563 Datasheet HTML 58Page - NXP Semiconductors PCF8563 Datasheet HTML 59Page - NXP Semiconductors PCF8563 Datasheet HTML 60Page - NXP Semiconductors PCF8563 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
aaa-041583
S
1
0
1
0 to n (data bytes
plus ACK)
DATA BYTE
LAST DATA BYTE
read bit
acknowledge
from PCA2131
0
0
1
1
1
A
A
S
1
0
1
set register
address
read register
data
write bit
0
0
1
1
0
A
A
P
A
P
no acknowledge
acknowledge
from master
STOP
acknowledge
from PCA2131
acknowledge
from PCA2131
register address
00h to 36h
slave address
slave address
Figure 34. Bus protocol, reading from registers
7.16.3 Bus communication and battery backup operation
To save power during battery backup operation (see Section 7.5.1), the bus interfaces
are inactive. Therefore the communication via I2C- or SPI-bus should be terminated
before the supply of the PCA2131 is switched from VDD to VBAT.
With I2C interface, PCA2131 will terminate transaction before switching from VDD to
VBAT, with SPI interface, PCA2131 will corrupt SPI write and read data when battery
switchover occurs.
Remark: If the I2C-bus communication was terminated uncontrolled, the I2C-bus has to
be reinitialized by sending a STOP followed by a START after the device switched back
from battery backup operation to VDD supply operation.
7.17 Internal circuitry
aaa-041584
PCA2131
VDD
CLKOUT
SDA/CE
VSS
SDI
SCL
SDO
VBAT
INTA/B
TS1/2/3/4
BBS
IFS
Figure 35. Device diode protection diagram of PCA2131
PCA2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 26 July 2021
57 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com