Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8563
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors PCF8563 Datasheet HTML 13Page - NXP Semiconductors PCF8563 Datasheet HTML 14Page - NXP Semiconductors PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors PCF8563 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Bits labeled as T are unused and return 0 when read.
Bit
Symbol
Value
Description
Reference
7 to 6
TCR[1:0]
see Table 17
temperature measurement period
0
no OTP refresh
5
OTPR
1
OTP refresh performed
Section 7.3.2
4
T
0
unused [1]
3
T
0
unused
2 to 0
COF[2:0]
see Table 18
CLKOUT frequency selection
Section 7.3.3
Table 16. CLKOUT_ctl - CLKOUT control register (address 13h) bit description
[1]
programming this bit to 1 may lead to a decrease of timing accuracy.
7.3.1 Temperature compensated Real Time Clock
The frequency of tuning fork quartz crystal oscillators is temperature-dependent. In the
PCA2131, the frequency deviation caused by temperature variation is corrected by
adjusting the RTC frequency divider with digital method.
The load capacitance is trimmed to the required value at 25 °C in order to compensate
the frequency deviation over process variation.
The frequency accuracy at 25 °C can be evaluated by measuring the frequency of
the square wave signal available at the output pin CLKOUT. However, the selection of
fCLKOUT = 32.768 kHz (default value) can lead to inaccurate measurements. Accurate
frequency measurement occurs when fCLKOUT = 16.384 kHz or lower is selected (see
Table 18).
The temperature compensated frequency input for the Real Time Clock cannot be
observed at the CLKOUT pin but can be evaluated by following these steps.
• Set Second Interrupt, bit SI in register Control_1 to 1
• Set bit TI_TP in register Watchdg_tim_ctl to 1 for a pulsed interrupt signal
• Set bit SIA in register INTA_MASK_1 to 0 to direct the Second Interrupt to pin INTA for
a 1 Hz pulse output.
The RTC temperature compensation works by adding or deleting pulses at the 32.768
kHz level. These correction pulses are spaced evenly over a sufficiently long period
of time to reach the required resolution and accuracy. Every second corrections
with a resolution of about 30.5 ppm (1/32768) can be generated by the temperature
compensation engine. If for instance a 10 ppm correction is called for, the correction
pulses will be generated approximately once every 3 seconds, for a 50 ppm correction
every 0.6 s and so on.
The 1 Hz interrupt output signal can be measured with a counter and by selecting an
appropriate gating time the measurement resolution can be set to the desired level. A
gating time of 100 s for instance will determine the averaged 1 second period with a
resolution of 0.3 ppm.
The feature of temperature compensation can be turned off for ultra low power
consumption by first performing a software reset (SR) followed by setting TC_DIS to ‘1’
within 5 seconds.
PCA2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 26 July 2021
14 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com