Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCF8563
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 78Page - NXP Semiconductors PCF8563 Datasheet HTML 79Page - NXP Semiconductors PCF8563 Datasheet HTML 80Page - NXP Semiconductors PCF8563 Datasheet HTML 81Page - NXP Semiconductors PCF8563 Datasheet HTML 82Page - NXP Semiconductors PCF8563 Datasheet HTML 83Page - NXP Semiconductors PCF8563 Datasheet HTML 84Page - NXP Semiconductors PCF8563 Datasheet HTML 85Page - NXP Semiconductors PCF8563 Datasheet HTML 86Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Tab. 65. Timestp_ctl1/2/3/4 - timestamp control
register (address 14h/1Bh/22h/29h) bit
description ....................................................... 41
Tab. 66. Sec_timestp1/2/3/4 - second timestamp
register (address 15h/1Ch/23h/2Ah) bit
allocation ......................................................... 42
Tab. 67. Sec_timestp1/2/3/4 - second timestamp
register (address 15h/1Ch/23h/2Ah) bit
description ....................................................... 42
Tab. 68. Min_timestp1/2/3/4 - minute timestamp
register (address 16h/1Dh/24h/2Bh) bit
allocation ......................................................... 42
Tab. 69. Min_timestp1/2/3/4 - minute timestamp
register (address 16h/1Dh/24h/2Bh) bit
description ....................................................... 42
Tab. 70. Hour_timestp1/2/3/4 - hour timestamp
register (address 17h/1Eh/25h/2Ch) bit
allocation ......................................................... 42
Tab. 71. Hour_timestp1/2/3/4 - hour timestamp
register (address 17h/1Eh/25h/2Ch) bit
description ....................................................... 43
Tab. 72. Day_timestp1/2/3/4 - day timestamp
register (address 18h/1Fh/26h/2Dh) bit
allocation ......................................................... 43
Tab. 73. Day_timestp1/2/3/4 - day timestamp
register (address 18h/1Fh/26h/2Dh) bit
description ....................................................... 43
Tab. 74. Mon_timestp1/2/3/4 - month timestamp
register (address 19h/20h/27h/2Eh) bit
allocation ......................................................... 43
Tab. 75. Mon_timestp1/2/3/4 - month timestamp
register (address 19h/20h/27h/2Eh) bit
description ....................................................... 44
Tab. 76. Year_timestp1/2/3/4 - year timestamp
register (address 1Ah/21h/28h/2Fh) bit
allocation ......................................................... 44
Tab. 77. Year_timestp1/2/3/4 - year timestamp
register (address 1Ah/21h/28h/2Fh) bit
description ....................................................... 44
Tab. 78. Battery switch-over and timestamp ................. 44
Tab. 79. Effect of bits MI and SI on pin INTA/B and
bit MSF ............................................................46
Tab. 80. INT_A/B_MASK1 - interrupt mask 1
register (address 31h/33h) bit allocation ......... 49
Tab. 81. INT_A/B_MASK1 - interrupt mask 1
register (address 31h/33h) bit description ....... 49
Tab. 82. INT_A/B_MASK2 - interrupt mask 2
register (address 32h/34h) bit allocation ......... 49
Tab. 83. INT_A/B_MASK2 - interrupt mask 2
register (address 32h/34h) bit description ....... 49
Tab. 84. Interface selection input pin IFS ......................52
Tab. 85. Serial interface ................................................ 53
Tab. 86. Command byte definition ................................ 53
Tab. 87. I2C slave address byte ................................... 56
Tab. 88. Limiting values ................................................ 58
Tab. 89. Static characteristics ....................................... 59
Tab. 90. Frequency characteristics ............................... 63
Tab. 91. SPI-bus characteristics ....................................65
Tab. 92. I2C-bus characteristics ....................................66
Tab. 93. Selection of Real-Time Clocks ........................ 76
Tab. 94. Abbreviations ...................................................78
Tab. 95. Revision history ...............................................79
Figures
Fig. 1.
Block diagram of PCA2131 ...............................3
Fig. 2.
Pin configuration for PCA2131 (transparent
top view) ............................................................4
Fig. 3.
Handling address registers ............................... 5
Fig. 4.
Battery switch-over behavior in standard
mode with bit BIE set logic 1 (enabled) ........... 19
Fig. 5.
Battery switch-over behavior in direct
switching mode with bit BIE set logic 1
(enabled) ......................................................... 20
Fig. 6.
Battery switch-over circuit, simplified block
diagram ............................................................20
Fig. 7.
Battery low detection behavior with bit BLIE
set logic 1 (enabled) ....................................... 21
Fig. 8.
Power failure event due to battery
discharge: reset occurs ...................................23
Fig. 9.
Dependency between POR and oscillator .......24
Fig. 10.
Power-On Reset (POR) system ...................... 24
Fig. 11.
Power-On Reset Override (PORO)
sequence, valid for both I2C-bus and SPI-
bus ...................................................................25
Fig. 12.
Software reset command ................................ 26
Fig. 13.
Data flow for the time function ........................ 32
Fig. 14.
Alarm function block diagram ..........................33
Fig. 15.
Alarm flag timing diagram ............................... 36
Fig. 16.
WD_CD set logic 1: watchdog activates an
interrupt when timed out ................................. 39
Fig. 17.
Interrupt block diagram ................................... 45
Fig. 18.
INTA/B example for SI and MI when TI_TP
is logic 1 ..........................................................46
Fig. 19.
INTA/B example for SI and MI when TI_TP
is logic 0 ..........................................................47
Fig. 20.
Example of shortening the INTA/B pulse by
clearing the MSF flag ......................................47
Fig. 21.
AF timing diagram ...........................................48
Fig. 22.
CPR and STOP bit functional diagram ............51
Fig. 23.
STOP release timing .......................................51
Fig. 24.
Interface selection ........................................... 52
Fig. 25.
SDI, SDO configurations ................................. 52
Fig. 26.
Data transfer overview .................................... 53
Fig. 27.
SPI-bus write example .................................... 54
Fig. 28.
SPI-bus read example .....................................54
Fig. 29.
Bit transfer .......................................................55
Fig. 30.
Definition of START and STOP conditions ...... 55
Fig. 31.
System configuration .......................................55
Fig. 32.
Acknowledgment on the I2C-bus .................... 56
Fig. 33.
Bus protocol, writing to registers ..................... 56
PCA2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 26 July 2021
83 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com