Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17823
Description  Ensures Safe Operation of Li-Ion Battery Packs While Reducing System Cost
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17823 Datasheet HTML 1Page - Maxim Integrated Products MAX17823 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROBUST BMS SOLUTION
Ensures Safe Operation of Li-Ion Battery Packs While Reducing System Cost
Safe
• Proprietary differential UART daisy
chain has best-in-class EMC/EMI
robustness
• Integrated self-diagnostics for ASIL D
compliance
• World-class measurement and
diagnostic speed at 100 measurements
per second
Cost Effective
• Capacitively coupled daisy chain
only requires one pair of isolation
transformers at bottom of daisy chain
• Built-in diagnostics minimize part count
and development costs
Future Proof
• Superior noise immunity for future
fast-charge techniques
• High robustness for different battery
chemistries
• Supports cable lengths greater than 1m
for optimal distribution of cells
Our groundbreaking BMS architecture provides the most comprehensive safety and reliability available while greatly reducing
system cost. It employs a low-power, capacitively coupled daisy chain to overcome the shortcomings of current-driven
architectures.
At the heart of the system is Maxim’s fourth-generation high-voltage battery-management IC (MAX17823). This daisy-chainable
12-cell device integrates a full suite of ISO-26262 diagnostic features to ensure ASIL D compliance. To minimize isolation
requirements, our proprietary architecture utilizes a unidirectional, differential UART-to-SPI bridge (MAX17841B) to provide a
robust interface between the cell monitoring ICs and the BMS microprocessor’s SPI port. This approach only requires one pair of
low-cost transformers at the bottom of the daisy chain to achieve galvanic isolation for the high-voltage electronics. In contrast,
current-driven architectures require isolation transformers at each BMS monitoring IC, imposing a significant cost penalty.
Additionally, Maxim’s proprietary daisy chain achieves the fastest speeds for cell-stack measurements and ASIL diagnostics.
This gives you the most accurate synchronization to pack current measurements and, therefore, most accurate state-of-charge
estimation. The result is higher battery service life, higher driving range per charge, and lower system cost.
Key Advantages


Similar Part No. - MAX17823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17823B MAXIM-MAX17823B Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX17823BGCB MAXIM-MAX17823BGCB Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX17823BGCV MAXIM-MAX17823BGCV Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX17823H MAXIM-MAX17823H Datasheet
1Mb / 129P
12-Channel, High-Voltage Data-Acquisition Systems
19-100391; Rev 0; 8/18
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
Evaluation System
Rev 1; 5/19
More results

Similar Description - MAX17823

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Linear Technology
LTC4070 LINER-LTC4070 Datasheet
188Kb / 16P
Li-Ion/Polymer Shunt Battery Charger System
logo
saftbatteries
28VLBB SAFT-28VLBB Datasheet
595Kb / 2P
Li-ion rechargeable military battery system
logo
STMicroelectronics
AN1464 STMICROELECTRONICS-AN1464 Datasheet
324Kb / 27P
LOW-COST DOUBLE LI-ION BATTERY CHARGER
10-Sep-2001
logo
Linear Technology
LTC4070 LINER-LTC4070_15 Datasheet
224Kb / 16P
Li-Ion/Polymer Shunt Battery Charger System
logo
BesTech Power Co., Ltd
HCX-D092 BESTECH-HCX-D092 Datasheet
234Kb / 1P
For 18.5V 5S Li-ion/Li-Polymer Battery Packs
logo
Texas Instruments
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com