Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 2 Page - Integrated Circuit Systems

  TBD Datasheet HTML 1Page - Integrated Circuit Systems TBD Datasheet HTML 2Page - Integrated Circuit Systems TBD Datasheet HTML 3Page - Integrated Circuit Systems TBD Datasheet HTML 4Page - Integrated Circuit Systems TBD Datasheet HTML 5Page - Integrated Circuit Systems TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
843020AY-01
www.icst.com/products/hiperclocks.html
REV. B APRIL 14, 2005
2
Integrated
Circuit
Systems, Inc.
ICS843020-01
FEMTOCLOCKS™ 680MHZ, CRYSTAL-TO-
3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
NOTE: The functional description that follows describes op-
eration using a 25MHz crystal. Valid PLL loop divider values
for different crystal or input frequencies are defined in the In-
put Frequency Characteristics, Table 5, NOTE 1.
The ICS843020-01 features a fully integrated PLL and there-
fore requires no external components for setting the loop band-
width. A fundamental crystal is used as the input to the on-
chip oscillator. The output of the oscillator is fed into the phase
detector. A 25MHz crystal provides a 25MHz phase detector
reference frequency. The VCO of the PLL operates over a
range of 560MHz to 680MHz. The output of the M divider is
also applied to the phase detector.
The phase detector and the M divider force the VCO output fre-
quency to be M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too
high or too low), the PLL will not achieve lock. The output of the
VCO is scaled by a divider prior to being sent to each of the LVPECL
output buffers.The divider provides a 50% output duty cycle.
The ICS843020-01 supports either serial or parallel program-
ming modes to program the M feedback divider and N output
divider.The input divider P can only be changed using the P_DIV
pin. It cannot be changed from the default
÷1 setting using the
serial interface.
Figure 1 shows the timing diagram for each mode.
In parallel mode, the nP_LOAD input is initially LOW. The data
on inputs M0 through M8 and N0 and N1 is passed directly to
the M divider and N output divider. On the LOW-to-HIGH transi-
tion of the nP_LOAD input, the data is latched and the M divider
remains loaded until the next LOW transition on nP_LOAD or
until a serial event occurs. As a result, the M and N bits can be
hardwired to set the M divider and N output divider to a specific
default state that will automatically occur during power-up. The
TEST output is LOW when operating in the parallel input mode.
The relation-ship between the VCO frequency, the crystal fre-
quency and the M divider is defined as follows:
The M value and the required values of M0 through M8 are
shown in Table 3B to program the VCO Frequency Function
Table. Valid M values for which the PLL will achieve lock for a
25MHz reference are defined as 23
≤ M ≤ 27 (P = ÷1). The
frequency out is defined as follows:
Serial operation occurs when nP_LOAD is HIGH and S_LOAD
is LOW. The shift register is loaded by sampling the S_DATA
bits with the rising edge of S_CLOCK. The contents of the
shift register are loaded into the M divider and N output di-
vider when S_LOAD transitions from LOW-to-HIGH. The M
divide and N output divide values are latched on the HIGH-to-
LOW transition of S_LOAD. If S_LOAD is held HIGH, data at
the S_DATA input is passed directly to the M divider and N
output divider on each rising edge of S_CLOCK. The serial
mode can be used to program the M and N bits and test bits
T1 and T0. The internal registers T0 and T1 determine the state
of the TEST output as follows:
FUNCTIONAL DESCRIPTION
T1
T0
TEST Output
0
0
LOW
0
1
S_Data, Shift Register Input
1
0
Output of M divider
1
1
CMOS Fout
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
*NOTE: The NULL timing slot must be observed.
Time
SERIAL LOADING
PARALLEL LOADING
M, N, P
t
S
t
H
t
S
t
H
t
S
T1
T0
*NULL
N 1
N 0
M8
M7
M6
M5
M4
M3
M2
M1
M 0
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
M0:M8, N0:N1, P_DIV
nP_LOAD
fVCO = fxtal x M
P
FOUT = fVCO = fxtal x
M
NN x P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com