Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 1 Page - Integrated Circuit Systems

  TBD Datasheet HTML 1Page - Integrated Circuit Systems TBD Datasheet HTML 2Page - Integrated Circuit Systems TBD Datasheet HTML 3Page - Integrated Circuit Systems TBD Datasheet HTML 4Page - Integrated Circuit Systems TBD Datasheet HTML 5Page - Integrated Circuit Systems TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
843020AY-01
www.icst.com/products/hiperclocks.html
REV. B APRIL 14, 2005
1
Integrated
Circuit
Systems, Inc.
ICS843020-01
FEMTOCLOCKS™ 680MHZ, CRYSTAL-TO-
3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS843020-01 is a general purpose, dual out-
put Crystal-to-3.3V Differential LVPECL High Fre-
quency Synthesizer and a member of the
FemtoClocks™ family of High Performance Clock
Solutions from ICS. The ICS843020-01 is based
on ICS’ 3rd generation VCO technology and is capable of sub-
1ps RMS Phase Jitter performance, making it ideal for use in
10 Gigabit Ethernet, 10 Gigabit Fibre Channel, SONET and
Serial ATA applications.
The ICS843020-01 is a highly flexible programmable synthe-
sizer capable of generating output frequencies over a range of
70MHz to 680MHz. The output frequency can be programmed
in small step sizes as low as 250
kHz when using a 16MHz
crystal,
÷8 input divider, and output divider = ÷8.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL TEST_CLK
• Output frequency range: 70MHz to 680MHz
• Crystal input frequency range: 12MHz to 32MHz
• VCO range: 560MHz to 680MHz
• Parallel or serial interface for programming feedback
and output dividers
• Input P_DIV under parallel load control
• RMS phase jitter at 156.25MHz (1.875MHz to 20MHz):
0.49ps (typical), P_DIV =
÷1
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-Free package fully RoHS compliant
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL_OUT
TEST_CLK
XTAL_SEL
VCCA
S_LOAD
S_DATA
S_CLOCK
MR
M5
M6
M7
M8
N0
N1
P_DIV
VEE
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS843020-01
HiPerClockS™
ICS
OSC
VCO_SEL
XTAL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
P_DIV
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
FOUT0
nFOUT0
FOUT1
nFOUT1
TEST
CONFIGURATION
INTERFACE
LOGIC
÷ M
0
1
0
1
PHASE DETECTOR
MR
÷ 1
÷ 2
÷ 4
÷ 8
0
÷8
Float
÷1 (default)
1
÷4
÷N
÷ P


Similar Part No. - TBD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBD STMICROELECTRONICS-TBD Datasheet
145Kb / 10P
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
17-Jun-2002
logo
ON Semiconductor
TBD ONSEMI-TBD Datasheet
44Kb / 6P
Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Integrated Circuit Syst...
TBD ICST-TBD Datasheet
110Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
More results

Similar Description - TBD

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 27, 2004
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-01 ICST-ICS843003I-01 Datasheet
197Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A MAY 26, 2005
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. B MAY 6, 2005
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 11, 2005
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 15, 2006
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 9, 2005
logo
Renesas Technology Corp
843202I RENESAS-843202I Datasheet
448Kb / 17P
FemtoClock® 680MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com