Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # TBD
Description  FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

TBD Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button TBD Datasheet HTML 3Page - Integrated Circuit Systems TBD Datasheet HTML 4Page - Integrated Circuit Systems TBD Datasheet HTML 5Page - Integrated Circuit Systems TBD Datasheet HTML 6Page - Integrated Circuit Systems TBD Datasheet HTML 7Page - Integrated Circuit Systems TBD Datasheet HTML 8Page - Integrated Circuit Systems TBD Datasheet HTML 9Page - Integrated Circuit Systems TBD Datasheet HTML 10Page - Integrated Circuit Systems TBD Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
843020AY-01
www.icst.com/products/hiperclocks.html
REV. B APRIL 14, 2005
7
Integrated
Circuit
Systems, Inc.
ICS843020-01
FEMTOCLOCKS™ 680MHZ, CRYSTAL-TO-
3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
R
M
,
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
,
A
T
A
D
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
1
N
:
0
N
,
8
M
:
0
M
2V
C
C
3
.
0
+V
V
I
D
_
PV
C
C
4
.
0
-V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
R
M
,
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
,
A
T
A
D
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
1
N
:
0
N
,
8
M
:
0
M
3
.
0
-8
.
0V
V
I
D
_
P
V
C
C
4
.
0
+V
V
M
I
t
u
p
n
I
e
g
a
t
l
o
V
d
i
M
V
I
D
_
PV
C
C
1
.
0
-
2
/V
C
C
1
.
0
+
2
/V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
R
M
,
1
N
,
0
N
,
8
M
-
6
M
,
4
M
-
0
M
V
I
D
_
P
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
A
T
A
D
_
S
V
C
C
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
L
E
S
_
O
C
V
,
L
E
S
_
L
A
T
X
,
5
MV
C
C
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
R
M
,
1
N
,
0
N
,
8
M
-
6
M
,
4
M
-
0
M
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
A
T
A
D
_
S
V
C
C
,
V
5
6
4
.
3
=
V
N
I
V
0
=
5
-A
µ
,
V
I
D
_
P
,
5
M
,
L
E
S
_
O
C
V
,
L
E
S
_
L
A
T
X
V
C
C
,
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
t
u
p
t
u
O
e
g
a
t
l
o
V
h
g
i
H
1
E
T
O
N
;
T
S
E
T6
.
2V
V
L
O
t
u
p
t
u
O
e
g
a
t
l
o
V
w
o
L
1
E
T
O
N
;
T
S
E
T
5
.
0V
NOTE 1: Outputs terminated with 50
Ω to V
CCO/2.
TABLE 4C. LVPECL DC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
O
C
C
4
.
1
-V
O
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
O
C
C
0
.
2
-V
O
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
,
n
o
i
t
c
e
s
"
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
"
e
e
S
.
V
2
-
.
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
3
.
3
"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com