Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8547 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8547
Description  HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8547 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8547 Datasheet HTML 1Page - Integrated Circuit Systems ICS8547 Datasheet HTML 2Page - Integrated Circuit Systems ICS8547 Datasheet HTML 3Page - Integrated Circuit Systems ICS8547 Datasheet HTML 4Page - Integrated Circuit Systems ICS8547 Datasheet HTML 5Page - Integrated Circuit Systems ICS8547 Datasheet HTML 6Page - Integrated Circuit Systems ICS8547 Datasheet HTML 7Page - Integrated Circuit Systems ICS8547 Datasheet HTML 8Page - Integrated Circuit Systems ICS8547 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICS8547AY
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 4, 2003
1
Integrated
Circuit
Systems, Inc.
HiPerClockS™
,&6
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Q4A
nQ4A
nQ4B
Q4B
nCLK4
CLK4
CLK5
nCLK5
Q5B
nQ5B
nQ5A
Q5A
Q2A
nQ2A
nQ2B
Q2B
nCLK2
CLK2
CLK1
nCLK1
Q1B
nQ1B
nQ1A
Q1A
48-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS8547
CLK0
nCLK0
Q0A
nQ0A
Q0B
nQ0B
CLK1
nCLK1
Q1A
nQ1A
Q1B
nQ1B
CLK2
nCLK2
Q2A
nQ2A
Q2B
nQ2B
CLK3
nCLK3
Q3A
nQ3A
Q3B
nQ3B
CLK4
nCLK4
Q4A
nQ4A
Q4B
nQ4B
CLK5
nCLK5
Q5A
nQ5A
Q5B
nQ5B
ICS8547
HEX, LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
GENERAL DESCRIPTION
The ICS8547 is a Hex low skew, high perfor-
mance 1-to-2 Differential-to-LVDS Clock Buffer
and a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. Utilizing
Low Voltage Differential Signaling (LVDS) the
ICS8547 provides a low power, low noise, point-to-point solu-
tion for distributing clock signals over controlled impedances
of 100
Ω. The ICS8547 has six selectable clock inputs. The
CLKx, nCLKx pairs can accept any differential input levels
and translates them to 3.3V LVDS output levels.
Guaranteed output and part-to-part skew specifications make
the ICS8547 ideal for those applications demanding well
defined performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 12 LVDS outputs
• Selectable CLKx, nCLKx inputs
• CLKx, nCLKx pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Translates any differential input signal (LVPECL, LVHSTL,
SSTL, DCM) to LVDS levels without external bias networks
• Translates any single-ended input signal to LVDS
with resistor bias on nCLKx input
• Output skew: 250ps (maximum)
• Bank skew: 15ps (maximum)
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 1.8ns (maximum)
• 3.3V operating supply
• 0°C to 85°C ambient operating temperature
• Industrial temperature information available upon request


Similar Part No. - ICS8547

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS85401AK ICST-ICS85401AK Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS85401AKT ICST-ICS85401AKT Datasheet
223Kb / 11P
DIFFERENTIAL-TO-LVDS MULTIPLEXER
REV. A FEBRUARY 22, 2005
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
ICS854054AG ICST-ICS854054AG Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
More results

Similar Description - ICS8547

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
85408 IDT-85408_15 Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
85408I RENESAS-85408I Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com