Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7152 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS7152
Description  Spread Spectrum Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7152 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS7152 Datasheet HTML 1Page - Integrated Circuit Systems ICS7152 Datasheet HTML 2Page - Integrated Circuit Systems ICS7152 Datasheet HTML 3Page - Integrated Circuit Systems ICS7152 Datasheet HTML 4Page - Integrated Circuit Systems ICS7152 Datasheet HTML 5Page - Integrated Circuit Systems ICS7152 Datasheet HTML 6Page - Integrated Circuit Systems ICS7152 Datasheet HTML 7Page - Integrated Circuit Systems ICS7152 Datasheet HTML 8Page - Integrated Circuit Systems ICS7152 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Spread Spectrum Clock Generator
MDS 7152 E
3
Revision 012306
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7152
External Components
The ICS7152 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between GND and VDD on pin 6, as close to this pin as
possible. For optimum device performance, the
decoupling capacitor should be mounted on the
component side of the PCB. Avoid the use of vias in the
decoupling circuit.
Series Termination Resistor
Series termination should be used on the clock output.
To series terminate a 50
Ω trace (a commonly used
trace impedance) place a 27
Ω resistor in series with
the clock line, as close to the clock output pin as
possible. The nominal impedance of the clock output is
25
Ω.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers. Other signal traces should be routed
away from the ICS7152. This includes signal traces just
underneath the device, or on layers adjacent to the
ground plane layer used by the device.
Crystal Information
The crystal used should be a fundamental mode,
parallel resonant. Crystal capacitors should be
connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value of these
capacitors is given by the following equation:
Crystal caps (pF) = (CL - 6) x 2
In the equation, CL is the crystal load capacitance. So,
for a crystal with a 16 pF load capacitance, two 20 pF
[(16-6) x 2] capacitors should be used.
Spread Spectrum Profile
The ICS7152 low EMI clock generator uses a triangular
frequency modulation profile for optimal down stream
tracking of zero delay buffers and other PLL devices.
The frequency modulation amplitude is constant with
variations of the input frequency.
Time
Modulation Rate



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com