Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7152 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS7152
Description  Spread Spectrum Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7152 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS7152 Datasheet HTML 1Page - Integrated Circuit Systems ICS7152 Datasheet HTML 2Page - Integrated Circuit Systems ICS7152 Datasheet HTML 3Page - Integrated Circuit Systems ICS7152 Datasheet HTML 4Page - Integrated Circuit Systems ICS7152 Datasheet HTML 5Page - Integrated Circuit Systems ICS7152 Datasheet HTML 6Page - Integrated Circuit Systems ICS7152 Datasheet HTML 7Page - Integrated Circuit Systems ICS7152 Datasheet HTML 8Page - Integrated Circuit Systems ICS7152 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS7152
MDS 7152 E
1
Revision 012306
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Spread Spectrum Clock Generator
Description
The ICS7152-01, -02, -11, and -12 are clock
generators for EMI (Electro Magnetic Interference)
reduction (see below for frequency ranges and
multiplier ratios). Spectral peaks can be attenuated by
slightly modulating the oscillation frequency. Both down
and center spread profiles are selectable. Center
spread maintains an average frequency equal to an
unspread clock. Down spread meets maximum
frequency specs over the entire modualtion cycle.
Features
Operating voltage of 3.3 V ±0.3 V
Packaged in 8-pin SOIC
Input frequency range of 16.6 to 134.0 MHz
Output frequency range of 16.6 to 134.0 MHz
Provides a spread spectrum clock output (±0.5%,
±1.5% center spread; -1.0%, -3.0% down spread)
Advanced, low-power CMOS process
Industrial temperature range available
Available in Pb (lead) free package
Block Diagram
Product Lineup
Product
Input Frequency Range
Modulation Type
Modulation Enable Pin
ICS7152M-01, ICS7152MI-01
16.6 MHz to 67 MHz
Down spread
Yes
ICS7152M-02, ICS7152MI-02
40.0 MHz to 134.0 MHz
ICS7152M-11, ICS7152MI-11
16.6 MHz to 67.0 MHz
Center spread
ICS7152M-12, ICS7152MI-12
40.0 MHz to 134.0 MHz
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
SEL
FREQ
CKOUT
GND
VDD
Clock Buffer/
Crystal
Ocsillator
XIN
XOUT
External caps required with crystal for
accurate tuning of the clock
XENS


Similar Part No. - ICS7152

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS7152A ICST-ICS7152A Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
logo
Renesas Technology Corp
ICS7152A RENESAS-ICS7152A Datasheet
363Kb / 12P
SPREAD SPECTRUM CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS7152AM-02 ICST-ICS7152AM-02 Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
logo
Renesas Technology Corp
ICS7152AM-02 RENESAS-ICS7152AM-02 Datasheet
363Kb / 12P
SPREAD SPECTRUM CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS7152AM-02LF ICST-ICS7152AM-02LF Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
More results

Similar Description - ICS7152

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com