Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7152 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS7152
Description  Spread Spectrum Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7152 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS7152 Datasheet HTML 1Page - Integrated Circuit Systems ICS7152 Datasheet HTML 2Page - Integrated Circuit Systems ICS7152 Datasheet HTML 3Page - Integrated Circuit Systems ICS7152 Datasheet HTML 4Page - Integrated Circuit Systems ICS7152 Datasheet HTML 5Page - Integrated Circuit Systems ICS7152 Datasheet HTML 6Page - Integrated Circuit Systems ICS7152 Datasheet HTML 7Page - Integrated Circuit Systems ICS7152 Datasheet HTML 8Page - Integrated Circuit Systems ICS7152 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Spread Spectrum Clock Generator
MDS 7152 E
5
Revision 012306
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS7152
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±0.3 V, Ambient Temperature -40 to +85
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
No load, at 3.3 V
14
28
mA
Input High Voltage
VIH
SEL, FREQ, XENS
VDD x 0.8
VDD + 0.3
V
XIN, Input slew rate
3 V/ns, 16.6 to 100
MHz
VDD x 0.8
VDD + 0.3
V
XIN, Input slew rate
3 V/ns, 100 to 134
MHz
VDD x 0.9
VDD + 0.3
V
Input Low Voltage
VIL
SEL, FREQ, XENS
GND
VDD x 0.20
V
XIN, Input slew rate
3 V/ns, 16.6 to 100
MHz
GND
VDD x 0.20
V
XIN, Input slew rate
3 V/ns, 100 to 134
MHz
GND
VDD x 0.10
V
Output High Voltage
VOH
CKOUT, IOH = -4 mA
VDD - 0.5
VDD
V
Output Low Voltage
VOL
CKOUT, IOL = 4 mA
GND
0.4
V
Input Capacitance
CIN
XIN, SEL, XENS
16
pF
Load Capacitance
CL
CKOUT, 16.6 to 67
MHz
15
pF
CKOUT, 67 to 100
MHz
10
pF
CKOUT, 100 to 134
MHz
7pF
Output Impedance
ZO
CKOUT, 16.6 to 134
MHz
25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com