Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

302AI01L Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 302AI01L
Description  LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

302AI01L Datasheet(HTML) 1 Page - Integrated Circuit Systems

  302AI01L Datasheet HTML 1Page - Integrated Circuit Systems 302AI01L Datasheet HTML 2Page - Integrated Circuit Systems 302AI01L Datasheet HTML 3Page - Integrated Circuit Systems 302AI01L Datasheet HTML 4Page - Integrated Circuit Systems 302AI01L Datasheet HTML 5Page - Integrated Circuit Systems 302AI01L Datasheet HTML 6Page - Integrated Circuit Systems 302AI01L Datasheet HTML 7Page - Integrated Circuit Systems 302AI01L Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8302AMI-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 2, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8302I-01
LOW SKEW, 1-TO-2 LVCMOS / LVTTL
FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
GENERAL DESCRIPTION
The ICS830 2I-01 i s a l o w s k e w, 1-to-2
LVCMOS/LVTTL Fanout Buffer w/Complemen-
tary
Output
and
a
member
of
the
HiPerClock S ™family of High Perfor mance
Clock Solutions from ICS. The ICS8302I-01
has a single ended clock input. The single ended clock
input accepts LVCMOS or LVTTL input levels. T h e
ICS8302I-01 is characterized at full 3.3V for input V
DD,
and mixed 3.3V and 2.5V for output operating supply
modes (V
DDO). Guaranteed output and part-to-part skew
characteristics make the ICS8302I-01 ideal for clock
distribution
applications
demanding
well
defined
performance and repeatability.
FEATURES
• Complementary LVCMOS / LVTTL output
• LVCMOS / LVTTL clock input accepts LVCMOS
or LVTTL input levels
• Maximum output frequency: 250MHz
• Output skew: 165ps (maximum)
• Part-to-part skew: 800ps (maximum)
• Small 8 lead SOIC package saves board space
• Full 3.3V or 3.3V core/2.5V output supply modes
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8302I-01
8-Lead SOIC
3.8mm x 4.8mm, x 1.47mm package body
M Package
Top View
VDDO
VDD
CLK
GND
1
2
3
4
Q
nQ
CLK
HiPerClockS™
ICS
Q
GND
VDDO
nQ
8
7
6
5


Similar Part No. - 302AI01L

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
302A10019X CONEC-302A10019X Datasheet
51Kb / 1P
D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302A10029X CONEC-302A10029X Datasheet
51Kb / 1P
D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302A10059X CONEC-302A10059X Datasheet
51Kb / 1P
D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302A10069X CONEC-302A10069X Datasheet
51Kb / 1P
D-SUB FEMALE 9-37pos. SOLDER CUP STAMPED CONTACTS
28.05.2001
302A10079X CONEC-302A10079X Datasheet
53Kb / 1P
D-SUB FEMALE 50pos. SOLDER CUP with stamped contacts
26.05.2003
More results

Similar Description - 302AI01L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS8302-01 ICST-ICS8302-01 Datasheet
78Kb / 8P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER W/ COMPLEMENTARY OUTPUT
REV. A DECEMBER 10, 2002
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
8302I-01 IDT-8302I-01 Datasheet
247Kb / 8P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
logo
Renesas Technology Corp
8302-01 RENESAS-8302-01 Datasheet
301Kb / 11P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
Revision A March 7, 2016
8302I-01 RENESAS-8302I-01 Datasheet
511Kb / 9P
Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
May 4, 2017
8302I RENESAS-8302I Datasheet
250Kb / 11P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com