Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS848004I Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS848004I
Description  FEMTOCLOCKS??CRYSTAL-TO-SSTL_2 FREQUENCY SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS848004I Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS848004I Datasheet HTML 1Page - Integrated Circuit Systems ICS848004I Datasheet HTML 2Page - Integrated Circuit Systems ICS848004I Datasheet HTML 3Page - Integrated Circuit Systems ICS848004I Datasheet HTML 4Page - Integrated Circuit Systems ICS848004I Datasheet HTML 5Page - Integrated Circuit Systems ICS848004I Datasheet HTML 6Page - Integrated Circuit Systems ICS848004I Datasheet HTML 7Page - Integrated Circuit Systems ICS848004I Datasheet HTML 8Page - Integrated Circuit Systems ICS848004I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
848004AGI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 18, 2005
4
Integrated
Circuit
Systems, Inc.
ICS848004I
FEMTOCLOCKS™CRYSTAL-TO-
SSTL_2 FREQUENCY SYNTHESIZER
PRELIMINARY
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
l
a
i
t
n
e
r
e
f
f
i
D
t
u
p
t
u
O
7
.
0V
V
P
P
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
5
.
0V
O
D
D
5
8
.
0
-V
V
H
O
2
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
1
.
2
>V
V
L
O
2
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
9
.
0
<V
V
:
1
E
T
O
N
R
M
C
V
,
P
P
.
2
_
L
T
S
S
n
a
h
t
r
e
h
t
o
s
l
e
v
e
l
l
a
i
t
n
e
r
e
f
f
i
d
h
t
i
w
t
u
p
n
i
K
L
C
_
T
S
E
T
g
n
i
v
i
r
d
r
o
f
d
e
n
i
f
e
d
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
2
E
T
O
N
Ω
.
d
n
u
o
r
g
o
t
TABLE 3E. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±10%, TA = -40°C
TO
85°C
TABLE 3D. LVCMOS / LVTTL DC CHARACTERISTICS, TA = -40°C TO 85°C
TABLE 3F. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±10%
OR
2.5V±10%, V
DDO = 2.5V±10%, TA = -40°C
TO
85°C
TABLE 3G. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±10%
OR
2.5V±10%, V
DDO = 1.8V±5%, TA = -40°C
TO
85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
l
a
i
t
n
e
r
e
f
f
i
D
t
u
p
t
u
O
7
.
0V
V
P
P
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
5
.
0V
O
D
D
5
8
.
0
-V
V
H
O
2
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
7
7
.
1
>V
V
L
O
2
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
3
7
.
0
<V
V
:
1
E
T
O
N
R
M
C
V
,
P
P
.
2
_
L
T
S
S
n
a
h
t
r
e
h
t
o
s
l
e
v
e
l
l
a
i
t
n
e
r
e
f
f
i
d
h
t
i
w
t
u
p
n
i
K
L
C
_
T
S
E
T
g
n
i
v
i
r
d
r
o
f
d
e
n
i
f
e
d
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
2
E
T
O
N
Ω
.
d
n
u
o
r
g
o
t
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
l
a
i
t
n
e
r
e
f
f
i
D
t
u
p
t
u
O
7
.
0V
V
P
P
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
5
.
0V
O
D
D
5
8
.
0
-V
V
H
O
2
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
9
1
.
1
>V
V
L
O
2
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
1
6
.
0
<V
V
:
1
E
T
O
N
R
M
C
V
,
P
P
.
2
_
L
T
S
S
n
a
h
t
r
e
h
t
o
s
l
e
v
e
l
l
a
i
t
n
e
r
e
f
f
i
d
h
t
i
w
t
u
p
n
i
K
L
C
_
T
S
E
T
g
n
i
v
i
r
d
r
o
f
d
e
n
i
f
e
d
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
2
E
T
O
N
Ω
.
d
n
u
o
r
g
o
t
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
D
D
V
3
.
3
=2
V
D
D
3
.
0
+V
V
D
D
V
5
.
2
=7
.
1V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
D
D
V
3
.
3
=3
.
0
-8
.
0V
V
D
D
V
5
.
2
=3
.
0
-7
.
0V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
R
M
,
K
L
C
_
T
S
E
T
,
1
L
E
S
_
F
,
0
L
E
S
_
F
,
L
E
S
_
L
A
T
X
n
,
L
E
S
_
L
L
P
n
V
D
D
V
=
N
I
V
7
.
2
r
o
6
.
3
=0
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
R
M
,
K
L
C
_
T
S
E
T
,
1
L
E
S
_
F
,
0
L
E
S
_
F
,
L
E
S
_
L
A
T
X
n
,
L
E
S
_
L
L
P
n
V
D
D
,
V
7
.
2
r
o
V
6
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com