Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS848004I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS848004I
Description  FEMTOCLOCKS??CRYSTAL-TO-SSTL_2 FREQUENCY SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS848004I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS848004I Datasheet HTML 1Page - Integrated Circuit Systems ICS848004I Datasheet HTML 2Page - Integrated Circuit Systems ICS848004I Datasheet HTML 3Page - Integrated Circuit Systems ICS848004I Datasheet HTML 4Page - Integrated Circuit Systems ICS848004I Datasheet HTML 5Page - Integrated Circuit Systems ICS848004I Datasheet HTML 6Page - Integrated Circuit Systems ICS848004I Datasheet HTML 7Page - Integrated Circuit Systems ICS848004I Datasheet HTML 8Page - Integrated Circuit Systems ICS848004I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
848004AGI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 18, 2005
1
Integrated
Circuit
Systems, Inc.
ICS848004I
FEMTOCLOCKS™CRYSTAL-TO-
SSTL_2 FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS848004I is a 4 output SSTL_2
Synthesizer optimized to generate Fibre
Channel reference clock frequencies and is
a member of the HiPerClocksTM family of high
performance clock solutions from ICS. Using
a 26.5625MHz 18pF parallel resonant crystal, the following
frequencies can be generated based on the 2 frequency
select pins (F_SEL[1:0]): 212.5MHz, 187.5MHz,
159.375MHz, 156.25MHz, 106.25MHz and 53.125MHz.
The ICS848004I uses ICS’ 3rd generation low phase
noise VCO technology and can achieve 1ps or lower
typical rms phase jitter, easily meeting Fibre Channel
jitter requirements. The ICS848004I is packaged in a
small 24-pin TSSOP package.
FEATURES
• Four SSTL_2 differential clock output pairs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.80ps (typical)
• SSTL operating voltage supply ranges:
V
DD = 3.0V to 3.6V, VDDO = 3.0V to 3.6V
V
DD = 2.3V to 3.6V, VDDO = 2.3V to 2.7V
V
DD = 2.3V to 3.6V, VDDO = 1.7V to 1.9V
• -40°C to 85°C ambient operating temperature
HiPerClockS™
ICS
PIN ASSIGNMENT
1
1
0
1
0
Phase
Detector
VCO
637.5MHz
(w/26.5625MHz
Reference)
M = 24 (fixed)
F_SEL[1:0]
0 0
÷3
0 1
÷4
1 0
÷6
1 1
÷12
2
OSC
ICS848004I
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQ1
Q1
VDDo
Q0
nQ0
MR
nPLL_SEL
nc
VDDA
F_SEL0
VDD
F_SEL1
1
2
3
4
5
6
7
8
9
10
11
12
nQ2
Q2
VDDO
Q3
nQ3
GND
nc
nXTAL_SEL
TEST_CLK
GND
XTAL_IN
XTAL_OUT
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
t
u
p
n
I
y
c
n
e
u
q
e
r
F
)
z
H
M
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
r
e
d
i
v
i
D
N
/
M
e
u
l
a
V
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
6
6
1
4
0
.
6
20
1
4
24
6
5
2
.
6
5
1
5
7
3
4
.
3
20
0
4
23
8
5
.
7
8
1
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
26.5625MHz
Pulldown
Pulldown
Pulldown
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - ICS848004I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840-125 ICST-ICS840-125 Datasheet
166Kb / 9P
125MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
REV. A FEBRUARY 3, 2006
ICS840-75 ICST-ICS840-75 Datasheet
168Kb / 9P
75MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
ICS840-77 ICST-ICS840-77 Datasheet
169Kb / 9P
77.76MHZ, LVCMOS/LVTTL OSCILLATOR REPLACEMENT
REV. A NOVEMBER 7, 2005
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840001-31 ICST-ICS840001-31 Datasheet
164Kb / 9P
FEMTOCLOCKS-TM CRYSTAL -TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 4, 2005
More results

Similar Description - ICS848004I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A MAY 31, 2005
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A FEBRUARY 1, 2006
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2006
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A MACH 29, 2005
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
REV. B NOVEMBER 14, 2005
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com