Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS848004I Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS848004I
Description  FEMTOCLOCKS??CRYSTAL-TO-SSTL_2 FREQUENCY SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS848004I Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS848004I Datasheet HTML 3Page - Integrated Circuit Systems ICS848004I Datasheet HTML 4Page - Integrated Circuit Systems ICS848004I Datasheet HTML 5Page - Integrated Circuit Systems ICS848004I Datasheet HTML 6Page - Integrated Circuit Systems ICS848004I Datasheet HTML 7Page - Integrated Circuit Systems ICS848004I Datasheet HTML 8Page - Integrated Circuit Systems ICS848004I Datasheet HTML 9Page - Integrated Circuit Systems ICS848004I Datasheet HTML 10Page - Integrated Circuit Systems ICS848004I Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
848004AGI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 18, 2005
8
Integrated
Circuit
Systems, Inc.
ICS848004I
FEMTOCLOCKS™CRYSTAL-TO-
SSTL_2 FREQUENCY SYNTHESIZER
PRELIMINARY
SSTL INTERFACE
Figures 3A to 3C show interface example of ICS848004I
SOCKET/nSOCKET input driven by an SSTL driver. The input
interfaces suggested here are examples only. Please consult
R2
60
Zo = 60 Ohm
SSTL
2.5V
1.25V
R1
60
2.5V
Zo = 60 Ohm
SOCKET_CLK
nSOCKET_CLK
FIGURE 3A. TYPICAL SSTL INTERFACE FOR V
DD/2 = 1.25V
BEING AVAILABLE
R3
120
SSTL
Zo = 60 Ohm
Zo = 60 Ohm
2.5V
R1
120
SOCKET_CLK
nSOCKET_CLK
2.5V
R4
120
R2
120
FIGURE 3B. SSTL INTERFACE FOR V
DD/2 = 1.25V
WITH NO AVAILABLE
2.5V
R1
25
R3
120
SSTL
SOCKET_CLK
nSOCKET_CLK
Zo = 60 Ohm
2.5V
Zo = 60 Ohm
R2
25
FIGURE 3C. DIFFERENTIAL SSTL INTERFACE
with the vendor of the driver component to confirm the driver
termination requirements. The SSTL termination shown in these
examples are also suitable for ICS48004I SSTL output drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com