Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXIMMINIQUSB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXIMMINIQUSB
Description  Demonstrates 12VCHGIN, 3A Charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXIMMINIQUSB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXIMMINIQUSB Datasheet HTML 1Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 2Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 3Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 4Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 5Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 6Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 7Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 8Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX77818
MAX77818 EV System
Detailed Description of Software
The software provides an easy-to-use, point-and-click
method to exercise all of the features of the MAX77818.
The software can control most of function blocks of the
MAX77818.
Main Display
The charger current, top-off current level, and all other
charger related functions can be programmed in
Charger
section list boxes. All FG section parameters can be pro-
grammed in separate FG GUI.
Simple 2-Wire Interface Commands
There are methods for communicating the MAX77818
through either the main display or the simple 2-wire inter-
face commands available by using the
Advanced Tab
and 2-Wire Interface window. A display pops up to allow
2-wire interface protocols, such as read byte and write
byte to be individually executed. When using the 2-wire
interface general commands, uncheck
Device-Present
Checking to prevent any errors from occurring. The
general command dialog boxes accept numeric data in
binary, decimal, or hexadecimal. Hexadecimal numbers
should be prefixed by $ or 0x. Binary numbers must be
exactly 8 bits.
Figure 1. MAX77818 EV Kit GUI Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com