Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXIMMINIQUSB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXIMMINIQUSB
Description  Demonstrates 12VCHGIN, 3A Charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXIMMINIQUSB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXIMMINIQUSB Datasheet HTML 1Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 2Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 3Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 4Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 5Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 6Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 7Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 8Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX77818
MAX77818 EV System
Detailed Description of Hardware
Battery Charger Test Setup
1) When using the DC power supply, adjust its voltage
and current limit to 5.0V with 3.0A current limited.
2) Connect a single cell Li-Ion battery between BATT+
and BATT-.
3) Connect the 5.0V/3A current limited DC power sup-
ply between VBUS and GND.
4) Monitor the DC power supply current meter if the
current reading is the same as the fast charge cur-
rent that is set.
5) Open software screen and program the charger set-
tings adequate to your system.
6) Use data log equipment to log charge current and
VBATT profile while charging a fully discharged
single cell Li+ battery.
Figure 2. MAX77818 EV Kit Fuel Gauge GUI Screen
Table 1. Jumper Settings
JUMPER
NO.
DEFAULT
POSITION
FUNCTION
PCB
SILKSCREEN
JU8
Open
between
JU2: 1-2
VIO from
external or
VSYS
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com