Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXIMMINIQUSB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXIMMINIQUSB
Description  Demonstrates 12VCHGIN, 3A Charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXIMMINIQUSB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXIMMINIQUSB Datasheet HTML 1Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 2Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 3Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 4Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 5Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 6Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 7Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 8Page - Maxim Integrated Products MAXIMMINIQUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX77818
MAX77818 EV System
Note: All resistors are 0402 size.
MAX77818 EV System Component List
MAX77818 EV Kit Component List
PART
QTY
DESCRIPTION
MAX77818EVKIT
1
MAX77818 evaluation kit
MAXIM MINIQUSB
1
MINIQUSB interface board
DESIGNATION
QTY
DESCRIPTION
C1
1
0.1µF, 35V or 50V, 0402
ceramic capacitor Taiyo Yuden
GMK105BJ104MV
C2, C4
2
2.2µF, 16V, 0603,
ceramic capacitor
Taiyo Yuden EMK107BJ225MA
C3
1
4.7µF, 10V, 0603,
ceramic capacitor
Taiyo Yuden LMK107BJ475MA
C5, C6
2
1µF, 10V, X5R, 0402,
ceramic capacitor
Taiyo Yuden LMK105BJ105MV
C8, C12–C14
4
10µF, 10V, X5R, 0603, ceramic
capacitor
Taiyo Yuden LMK107BBJ106MAL
C9, C10
2
10µF, 16V, X5R, 0603, ceramic
capacitor
Taiyo Yuden EMK107BBJ106MAL
C11, C15
2
0.1µF, 16V or higher, X5R, 0402,
ceramic capacitor Taiyo Yuden
EMK105BJ104MP
C16
1
N.C.
C17
1
10nF, 6.3V or higher, X5R, 0402
Taiyo Yuden TMK105BJ103MP
L1
1
0.47µH, 2016, TOKO
DFE201610P-H-R47M
1µH, 2520, TOKO, DFE252012C
1239AS-H-1R0M
CON1
1
2x 10 right-angle female
receptacle
VBUS,
CHGIN, WCIN,
VSYS, BATT,
BATTGND,
CHGPG, GND
11
MAXIM LOOP
DESIGNATION
QTY
DESCRIPTION
BYPS, ENB,
VBUS_DET,
SYSS, BATTS,
SCL, SDA,
INOKB, INTB,
WCINOKB,
SAFEOUT1,
SAFEOUT2,
TP1, CHGINS,
WCINS,
CHGPGS,
CHGLXS,
DETBATB,
THM, VIO
20
Test point, small
R1
1
100kΩ, 1%, resistor, 0402
R2, R7
2
10kΩ, 1%, resistor, 0402
R3, R5,
R6, R14
4
0Ω, 0402
R12, R13
2
2.2kΩ, 5%, resistor, 0402
R15–R17
3
200kΩ, 5%, resistor, 0402
R9
1
470kΩ, 5%, resistor, 0402
R10
1
47kΩ, 5%, resistor, 0402
R4, R11
2
N.C.
U1
1
MAX77818EWZ+
72-bump WLP, 0.4mm pitch
U2
1
MAX14681
THM
1
10Ω, 1%, NTC, 0402
JU1
1
Two-pin header
JU2–JU11
(socket board
only)
10
Two-pin header
J7
1
Micro B receptacle SMD type
Panasonic, AXJ53312G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com