Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMI360D-F130-R2-V15 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PMI360D-F130-R2-V15
Description  Ind. angular measuring system
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PMI360D-F130-R2-V15 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PMI360D-F130-R2-V15 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PMI360D-F130-R2-V15 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PMI360D-F130-R2-V15 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMI360D-F130-R2-V15
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Ind. angular measuring system
Using a different actuating element
You can use a different actuator instead of the BT-F130-A actuator provided, which must be positioned centrally in the sensor opening. When
using a different actuating element, the element must fulfill all requirements relating to the material, dimensions and distance to the sensitive
surface on the sensors (see table). Failing to fulfill all of these requirements may reduce the accuracy/resolution of the sensor or even cause the
sensor to stop functioning.
Dimensions when using a different actuating element
Additional Information
A
Drive shaft
B
Insulation ring made from non-conductive material
C
Separate actuator (L 23 mm)
D
Sensitive surface on the sensors (black, cylindrical inner surface)
E
Sensor
Actuator (C) can be placed on the insulating ring made from non-conductive material (B) or inserted
in this ring.
Dimension
t2 mm
w7.5 mm
L
23mm
d1
Depending on the drive shaft material
S235JR+AR (previously St37-2): max. 19 mm
Stainless steel 1.4435 / AISI 316L (V4A): max. 21 mm
Stainless steel 1.4305 / AISI 303 (V2A): max. 23 mm
d2
Select so that the distance between the edges of the actuator and the
sensitive surface on the sensor is 1 ... 2 mm.
d3
41.5 mm
Actuator material
Mild steel such as S235JR+AR (previously St37-2)
w
A
C
D
E
B
t
d1
d2
d3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com