Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMI360D-F130-R2-V15 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PMI360D-F130-R2-V15
Description  Ind. angular measuring system
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PMI360D-F130-R2-V15 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PMI360D-F130-R2-V15 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PMI360D-F130-R2-V15 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PMI360D-F130-R2-V15 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Functional safety related parameters
MTTFd
450 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
LED yellow
RS 232
LED PWR/ERR
Status display LED, green/red (Power on / missing actuator)
Interface
Interface type
RS 232, for communication with interface box PAX...
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 100 °C (-40 ... 212 °F)
Mechanical specifications
Connection type
5-pin, M12 x 1 connector
Housing material
PBT
Degree of protection
IP67
Mass
180 g
Connection
1
L+
4
2
5
L-
3
RxD
TxD
Connection Assignment
1
3
4
5
2
Accessories
BT-F130-A
Actuator for F130 series
V15-G-2M-PUR-V15-G
Connecting cable, M12 to M12, PUR cable 5-pin
Ind. angular measuring system
PMI360D-F130-R2-V15
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com