Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMI360D-F130-R2-V15 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PMI360D-F130-R2-V15
Description  Ind. angular measuring system
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PMI360D-F130-R2-V15 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PMI360D-F130-R2-V15 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PMI360D-F130-R2-V15 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PMI360D-F130-R2-V15 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ind. angular measuring system
PMI360D-F130-R2-V15
< Measuring range 0 ... 360°
< RS 232 transmission
Position sensor for PAX001
Dimensions
ø 5.2
110
10.3 ± 0.3
ø 10
40
Technical Data
General specifications
Measurement range
0 ... 360 °
Rotational speed
max. 100 min-1
Nominal ratings
Operating voltage
UB
18 ... 30 V DC
Reverse polarity protection
reverse polarity protected
Repeat accuracy
R
0.5°
Resolution
0.2 °
Temperature drift
1.5° (-25 °C ... 70 °C)
No-load supply current
I0
≤ 45 mA
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - PMI360D-F130-R2-V15

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PMI360D-F130-IE8-V15 PF-PMI360D-F130-IE8-V15 Datasheet
645Kb / 3P
Ind. angular measuring system
More results

Similar Description - PMI360D-F130-R2-V15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS1R02 STMICROELECTRONICS-LIS1R02 Datasheet
81Kb / 11P
ANGULAR ACCELEROMETER
Apr-2002
logo
ASM GmbH
NMG2-2500-P ASM-SENSOR-NMG2-2500-P Datasheet
36Kb / 2P
Stop-Time Measuring System
logo
Agilent(Hewlett-Packard...
N5531S HP-N5531S Datasheet
207Kb / 4P
Measuring Receiver System
logo
Marktech Corporate
MTD3010PN MARKTECH-MTD3010PN Datasheet
101Kb / 2P
Narrow Angular Response
logo
Pepperl+Fuchs Inc.
PMI360DV-F130-3E2-V15 PF-PMI360DV-F130-3E2-V15 Datasheet
981Kb / 4P
Ind. angular measuring system
PMI360DV-F130-IU2E2-V15 PF-PMI360DV-F130-IU2E2-V15 Datasheet
983Kb / 4P
Ind. angular measuring system
PMI90DV-F130-I2E2-V15 PF-PMI90DV-F130-I2E2-V15 Datasheet
1Mb / 6P
Ind. angular measuring system
PMI360D-F130-IE8-V15 PF-PMI360D-F130-IE8-V15 Datasheet
645Kb / 3P
Ind. angular measuring system
PMI360DV-F130-IU-V15 PF-PMI360DV-F130-IU-V15 Datasheet
1Mb / 4P
Ind. angular measuring system
logo
Standex Electronics, In...
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
Angular Position Sensor
Rev ADB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com