Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.5SMB Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 1.5SMB
Description  1500W Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

1.5SMB Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  1.5SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics
PARTNUMBER
BI-POLAR UNI-POLAR VRWM(V) VBRMIN(V) VBRMAX(V) IT(mA) IR(µA) Ipp(A) Vc(v)
1.5SMB5.0CA
1.5SMB5.0A
5.0
6.4
7.25
10
800
163.0
9.2
1.5SMB6.0CA
1.5SMB6.0A
6.0
6.67
7.67
10
800
145.6
10.3
1.5SMB 6.5CA
1.5SMB 6.5A
6.5
7.22
8.30
10
500
133.9
11.2
1.5SMB7.0 CA
1.5SMB7.0 A
7.0
7.78
8.95
10
200
125.0
12.0
1.5SMB 7.5CA
1.5SMB 7.5A
7.5
8.33
9.58
1
100
116.3
12.9
1.5SMB 8.0CA
1.5SMB 8.0A
8.0
8.89
10.23
1
50
110.3
13.6
1.5SMB8.5 CA
1.5SMB8.5 A
8.5
9.44
10.82
1
20
104.2
14.4
1.5SMB9.0 CA
1.5SMB9.0 A
9.0
10.00
11.50
1
10
97.4
15.4
1.5SMB10CA
1.5SMB10A
10.0
11.1
12.30
1
10
88.2
17.0
1.5SMB11CA
1.5SMB11A
11.0
12.20
14.00
1
1
82.4
18.2
1.5SMB12CA
1.5SMB12A
12.0
13.30
14.70
1
1
75.4
19.9
1.5SMB13CA
1.5SMB13A
13.0
14.40
16.50
1
1
69.8
21.5
1.5SMB14CA
1.5SMB14A
14.0
15.60
17.20
1
1
64.7
23.2
1.5SMB15CA
1.5SMB15A
15.0
16.70
19.20
1
1
61.5
24.4
1.5SMB16CA
1.5SMB16A
16.0
17.80
19.70
1
1
57.7
26.0
1.5SMB17CA
1.5SMB17A
17.0
18.90
21.70
1
1
54.3
27.6
1.5SMB18CA
1.5SMB18A
18.0
20.00
23.30
1
1
51.4
29.2
1.5SMB20CA
1.5SMB20A
20.0
22.20
25.50
1
1
46.3
32.4
1.5SMB22CA
1.5SMB22A
22.0
24.40
28.00
1
1
42.3
35.5
1.5SMB24CA
1.5SMB24A
24.0
26.70
30.70
1
1
38.6
38.9
1.5SMB26CA
1.5SMB26A
26.0
28.90
33.20
1
1
35.6
42.1
1.5SMB28CA
1.5SMB28A
28.0
31.10
35.80
1
1
33.0
45.4
1.5SMB30CA
1.5SMB30Adf
30.0
33.30
38.30
1
1
31.0
48.4
1.5SMB33CA
1.5SMB33A
33.0
36.70
42.20
1
1
28.1
53.3
1.5SMB36CA
1.5SMB36A
36.0
40.00
46.00
1
1
25.8
58.1
1.5SMB40CA
1.5SMB40A
40.0
44.40
51.10
1
1
23.3
64.5
1.5SMB43CA
1.5SMB43A
43.0
47.8
52.8
1
1
21.6
69.4
1.5SMB45CA
1.5SMB45A
45.0
50.00
57.50
1
1
20.6
72.7
1.5SMB48CA
1.5SMB48A
48.0
53.30
58.90
1
1
19.4
77.4
1.5SMB51CA
1.5SMB51A
51.0
56.70
65.20
1
1
18.2
82.4
1.5SMB54CA
1.5SMB54A
54.0
60.00
69.00
1
1
17.2
87.1
1.5SMB Series 1500W Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com