Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.5SMB Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 1.5SMB
Description  1500W Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

1.5SMB Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  1.5SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics
PARTNUMBER
BI-POLAR UNI-POLAR VRWM(V) VBRMIN(V) VBRMAX(V) IT(mA) IR(µA) Ipp(A) Vc(v)
1.5SMB58CA
1.5SMB58A
58.0
64.4
71.2
1
1
16.0
93.6
1.5SMB60CA
1.5SMB60A
60.0
66.7
73.7
1
1
15.5
96.8
1.5SMB64CA
1.5SMB64A
64.0
71.10
81.80
1
1
14.6
103.0
1.5SMB70CA
1.5SMB70A
70.0
77.8
95.1
1
1
13.3
113.0
1.5SMB75CA
1.5SMB75A
75.0
83.3
92.1
1
1
12.4
121.0
1.5SMB78CA
1.5SMB78A
78.0
86.70
99.70
1
1
11.9
126.0
1.5SMB85CA
1.5SMB85A
85.0
94.40
108.20
1
1
10.9
137.0
1.5SMB90CA
1.5SMB90A
90.0
100.0
111.0
1
1
10.3
146.0
1.5SMB100CA
1.5SMB100A
100.0
111.00
123.00
1
1
9.3
162.0
1.5SMB110CA
1.5SMB110A
110.0
122.00
135.00
1
1
8.5
177.0
1.5SMB120CA
1.5SMB120A
110.0
133.00
147.00
1
1
7.8
193.0
1.5SMB130CA
1.5SMB110A
130.0
144.00
159.00
1
1
7.2
209.0
1.5SMB150CA
1.5SMB150A
150.0
167.00
185.00
1
1
6.2
243.0
1.5SMB160CA
1.5SMB160A
160.0
178.00
197.00
1
1
5.8
259.0
1.5SMB170CA
1.5SMB170A
170.0
189.00
209.00
1
1
5.5
275.0
1.5SMB180CA
1.5SMB180A
180.0
201.00
222.0
1
1
5.1
292.0
1.5SMB190CA
1.5SMB190A
190.0
211.00
233.00
1
1
4.9
308.0
1.5SMB200CA
1.5SMB200A
200.0
224.0
247.00
1
1
4.6
324.0
1.5SMB210CA
1.5SMB220A
210.0
237.00
263.00
1
1
4.2
356.0
1.5SMB220CA
1.5SMB220A
220.0
246.00
272.00
1
1
4.2
356.0
1.5SMB250CA
1.5SMB250A
250.0
279.00
309.00
1
1
3.7
405.0
1.5SMB300CA
1.5SMB300A
300.0
335.0
371.00
1
1
3.1
486.0
1.5SMB350CA
1.5SMB350A
350.0
391.00
432.00
1
1
2.6
567.0
1.5SMB400CA
1.5SMB400A
400.0
447.00
494.00
1
1
2.3
648.0
1.5SMB440CA
1.5SMB440A
440.0
492.00
543.00
1
1
2.1
713.0
Notes:ForbidirectionaltypehavingVRWMof10voltsandless,theIRlimitisdouble.
ForpartswithoutA(VBRis±10%andVCis5%higherthan Aparts)
1.5SMB Series 1500W Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com