Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1.5SMB Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 1.5SMB
Description  1500W Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

1.5SMB Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  1.5SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 1.5SMB Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DESCRIPTION
The1.5SMBseriesisdesignedspecifically
toprotectsensitiveelectronicequipment
fromvoltagetransientsinducedbylightning
andothertransientvoltageevents.
FEATURES
●15
00Wpeakpulsepowercapabilityat10x1000μswaveform,repetitionrate
(dutycycle):0.01%
●
GlassPassivatedchipjunction
●
Forsurfacemountedapplicationstooptimizeboardspace
●
Lowprofilepackage
●
Built-instrainrelief
●
Lowincrementalsurgeresistance
●
Excellentclampingcapability
●
PlasticpackagehasULflammabilityclassification94V-O
●
Fastresponsetime:typicallylessthan1.0psfrom0VoltstoBVmin
●
TypicalIRlessthan1uAabove12V
●
Hightemperaturesoldering:260°C/40secondsatterminals
●
IEC-61000-4-2ESD15KV(Air),8KV(Contact)
●
ESDprotectionofdatalinesinaccordancewithIEC61000-4-2(IEC801-2)
●
EFTprotectionofdatalinesinaccordancewithIEC61000-4-4(IEC801-4)
1.5SMB Series 1500W Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
1/7


Similar Part No. - 1.5SMB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMB LITTELFUSE-1.5SMB Datasheet
681Kb / 6P
Surface Mount – 1500 W
12/15/25 v.3
logo
Shanghai Leiditech Elec...
1.5SMB100A LEIDITECH-1.5SMB100A Datasheet
1Mb / 7P
1.5SMB Series 1500W Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
1.5SMB100A DAESAN-1.5SMB100A Datasheet
194Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
250715-01K
logo
Littelfuse
1.5SMB100A LITTELFUSE-1.5SMB100A Datasheet
681Kb / 6P
Surface Mount – 1500 W
12/15/25 v.3
logo
Shanghai Leiditech Elec...
1.5SMB100CA LEIDITECH-1.5SMB100CA Datasheet
1Mb / 7P
1.5SMB Series 1500W Transient Voltage Suppressor
More results

Similar Description - 1.5SMB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com