Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20D301K Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 20D301K
Description  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20D301K Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20D301K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Varistor>20D180~182KJ Series
Metal Oxide Varistors
Type Number
Maximum
Allowable
Voltage
Varistor Voltage
Maximum
Clamping
Voltage
Withstanding
Surge Current
Maximum
Energy
(10/1000μs)
Rated
Power
Typical
Capacitance
(Reference)
Standard
High Surge VAC(V) VDC(V)
V1mA(V)
IP(A) VC(V)
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High Surge
(W)
@1KHz(pf)
20D180K
20D180KJ
11
14
18(15~21.6)
20
36
2000
3000
11
13
0.2
28500
20D220K
20D220KJ
14
18
22(19.5~26)
20
43
2000
3000
14
16
0.2
18500
20D270K
20D270KJ
17
22
27(24~30)
20
53
2000
3000
16
19
0.2
13000
20K330K
20K330KJ
20
26
33(29.5~36.5)
20
65
2000
3000
23
24
0.2
11500
20D390K
20D390KJ
25
31
39(35~43)
20
77
2000
3000
26
28
0.2
8500
20D470K
20D470KJ
30
38
47(42~54)
20
93
2000
3000
30
34
0.2
7400
20D560K
20D560KJ
35
45
56(50~62)
20
100
2000
3000
41
41
0.2
6500
20D680K
20D680KJ
40
56
68(61~75)
20
135
2000
3000
46
49
0.2
5800
20D820K
20D820KJ
50
65
82(74~90)
100
135
6500
10000
38
56
1.0
4900
20D101K
20D101KJ
60
85
100(90~110)
100
165
6500
10000
45
70
1.0
4000
20D121K
20D121KJ
75
100
120(108~132)
100
200
6500
10000
55
85
1.0
3300
20D151K
20D151KJ
95
125
150(135~165)
100
250
6500
10000
70
106
1.0
2700
20D181K
20D181KJ
115
150
180(162~198)
100
300
6500
10000
85
130
1.0
2200
20D201K
20D201KJ
130
170
200(180~220)
100
340
6500
10000
95
140
1.0
2000
20D221K
20D221KJ
140
180
220(198~242)
100
360
6500
10000
100
155
1.0
1800
20D241K
20D241KJ
150
200
240(216~264)
100
395
6500
10000
108
168
1.0
1650
20D271K
20D271KJ
175
225
270(243~297)
100
455
6500
10000
127
190
1.0
1500
20D301K
20D301KJ
190
250
300(270~330)
100
500
6500
10000
136
210
1.0
1300
20D331K
20D331KJ
210
275
330(297~363)
100
550
6500
10000
150
228
1.0
1200
20D361K
20D361KJ
230
300
360(324~396)
100
595
6500
10000
163
255
1.0
1100
20D391K
20D391KJ
250
320
390(351~429)
100
650
6500
10000
180
275
1.0
1000
20D431K
20D431KJ
275
350
430(387~473)
100
710
6500
10000
190
305
1.0
930
20D471K
20D471KJ
300
385
470(423~517)
100
775
6500
10000
220
350
1.0
850
20D511K
20D511KJ
320
415
510(459~561)
100
845
6500
10000
220
360
1.0
780
20D561K
20D561KJ
350
460
560(504~616)
100
925
6500
10000
220
380
1.0
710
20D621K
20D621KJ
385
505
620(558~682)
100 1025
6500
10000
220
390
1.0
650
20D681K
20D681KJ
420
560
680(612~748)
100 1120
6500
10000
230
400
1.0
600
20D751K
20D751KJ
460
615
750(675~825)
100 1240
6500
10000
255
420
1.0
530
20D781K
20D781KJ
485
640
780(702~858)
100 1290
6500
10000
265
440
1.0
510
20D821K
20D821KJ
510
670
820(738~902)
100 1355
6500
10000
282
460
1.0
500
20D911K
20D911KJ
550
745
910(819~1001)
100 1500
6500
10000
310
510
1.0
440
20D102K
20D102KJ
625
825
1000(900~1100)
100 1650
6500
10000
342
565
1.0
400
20D112K
20D112KJ
680
895
1100(990~1210)
100 1815
6500
10000
383
620
1.0
460
20D122K
20D122KJ
750
990
1200(1080_1320) 100 1980
6500
10000
408
660
1.0
320
20D182K
20D182KJ
1000
1465 1800(1620~1980) 100 2970
6500
10000
625
660
1.0
320
Remark:Voltage>33V,K is +10%
_
Electrical Characteristic
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com