Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20D301K Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 20D301K
Description  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20D301K Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20D301K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
d
K<3.0
D1
D1
H1
L1
d1
K<3.0
Unit:mm
Package Dimensions
• Transistor, diode, IC, thyristor or triac semiconductor protection.
• Surge protection in consumer electronics.
• Surge protection in industrial electronics.
• Surge protection in electronic home appliances, gas and
petroleum appliances.
• Relay and electromagnetic valve surge absorption.
• Wide operating voltage (V1mA) range from 8V to 1800V.
• Fast responding to transient over-voltage.
• Large absorbing transient energy capability.
• Low clamping ratio and no following-on current.
Applications
Features
Varistor>20D180~182KJ Series
Metal Oxide Varistors
TABLE 2
Model
T(max.)
Model
T(max.)
180K
4.8
301K
5.8
220K
4.9
331K
6.0
270K
5.0
361K
6.2
330K
5.2
391K
6.5
390K
5.5
431K
6.7
470K
5.6
471K
6.9
560K
5.7
511K
7.0
680K
5.08
561K
7.2
820K
4.9
621K
7.5
101K
5.1
681K
8.2
121K
5.3
751K
5.3
151K
5.6
781K
8.5
181K
5.0
821K
9.0
201K
5.2
911K
9.5
221K
5.3
102K
10.1
241K
5.4
112K
10.6
271K
5.6
182K
13.2
301k
5.7
-
-
TABLE 1
Symbol
Dimensions
H(max.)
26.5
H1(max.)
28.0
L(min.)
20.0
L1(min.)
15.0
D(max.)
23.0
D1(±0.8)
7.5+0.8/10.0+1.0
T(max.)
TABLE 2
d(±0.05)
0.8
d1(±0.4)
1.4


Similar Part No. - 20D301K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20D301K ETC-20D301K Datasheet
61Kb / 5P
VARISTOR
20D301K ETC-20D301K Datasheet
71Kb / 5P
VARISTOR
logo
World Produts Inc.
20D301K WPI-20D301K Datasheet
1Mb / 65P
Metal Oxide Varistors
logo
Socay Electornics Co., ...
20D301K SOCAY-20D301K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
Ruilongyuan Electronics...
20D301K RUILON-20D301K Datasheet
769Kb / 7P
Metal Oxide Varistors
More results

Similar Description - 20D301K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com