Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20D301K Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 20D301K
Description  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20D301K Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20D301K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20D301K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Varistor>20D180~182KJ Series
Metal Oxide Varistors
ltem
Test Condition / Description
Requirement
Varistor Voltage
The voltage between two terminals with the specified measuring current 1mA.DC applied
is call Vb.
To meet
the specified
value
Maximum Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the maximum DC voltage can
be applied continuously.
Rated Wattaget
The maximum average power that can be applied within the specified ambient temperature.
IEnergy
The maximum energy within the varistor voltage change of ±10% when one impulse
of10/1000μsec. or 2 msec. is applied.
Withstanding Surge
Current
The maximum current within the varistor voltage change of ±10% with the standard impulse
current (8/20μsec.) applied one time.
Surge Life
The change of Vb shall be measured after the impulse listed below is applied 10,000 times
continuously with the interval of ten seconds at room temperature.
5D series
180K to 680K
10A (8/20μsec.)
820K to 751K
20A (8/20μsec.)
7Dseries
180K to 680K
25A (8/20μsec.)
820K to 821K
50A (8/20μsec.)
10D series
180K to 680K
50A (8/20μsec.)
820K to 182K
100A (8/20μsec.)
14D series
180K to 680K
75A (8/20μsec.)
820K to 182K
150A (8/20μsec.)
20D series
180K to 680K
100A (8/20μsec.)
820K to 182K
200A (8/20μsec.)
Vb
Vb
<+10%
_
Electrical Rating
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com