Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM102 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM102
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM102 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM102 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Type Number
DC
Spark-Over
Voltage
Min.
Insulation
Resistance
Max.
Capacitance
(1kHz-6Vmax. )
Surge
Current
Capacity
Surge Life Test
@8/20
μs
Vs
Test Voltage
IR
Cj
8/20
μs
V
V
M
Ω
pF
A
M102-141N
140(126~210)
50
100
1
1000
100A 10 times
LM102-181N
180
±30%
50
100
1
1000
100A 10 times
LM102-201M
200
±20%
100
100
1
1000
100A 10 times
LM102-301M
300
±20%
100
100
1
1000
100A 10 times
LM102-401M
400
±20%
250
100
1
1000
100A 10 times
LM102-501M
500
±20%
250
100
1
1000
100A 10 times
Test Methods And Results
Test Item
Test Method
Specification
DC Spark-over
Voltage Vs(V)
Add and measure the DC Voltage gradually Maxto get the discharge threshold
voltage. The measuring current is 1mA/1 second max.
It depands on each spec.
Insulation
Resistance
Measure the insulation resistance of two end of leadwire under the specified DC
voltage.
100M
Ω min.
Capacitance Cj(pF)
Measure the Electrostatic Capacitance under the test condition of 1KHz,DC
6V(max).
1pF max.
Life(JSE)
Apply a standard impulse voltage (8X20
μsec)of 100A for 5 times with intervals of 30
sec., and then change the polarity of the surge and apply a impulse again. Then
measure DC spark-over voltage, IR & Capacitance.
DC spark-over voltage
JSE:∣△ Vs/Vs ∣
≤30%
Life(JSE)
Apply 10 KV voltage charged in 1500pF condenser and apply the current to the
specimen,200 times at 10 seconds of intervals
Insulation Resistance &
Capacitance to meet the
specified value. Appearance:
No cracks or failures.
Cold Resistance
Measurement after -40℃ /1000 HRS & normal temperature/2 HRS.
Features are conformed to
rated spec.
Heat Resistance
Measurement after 125℃ /1000 HRS & normal temperature/2 HRS.
Humidity Resistance
Measurement after humidity 90~95 ℃ (45 ℃ ) /1000 HRS & normal
temperature/2 HRS.
Temperature Cycle
10 times repetition of cycle -40 ℃ /30min
→normal, temp/2 min →125℃ /30min,
measurement after normal temp/2 HRS.
Pull Strength
Apply 0.5kg load for 10sec.
Lead shall not pull out to snap.
Flexural Strength
Bend lead wire at the point of 2mm from body under 0.25 load and back to its
original point. Repeat 1 time.
LM102 Series
L
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com