Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM102 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM102
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM102 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM102 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l RoHS compliant.
l Bilateral symmetrical.
l Less decay at on/off state.
l Approximately zero leaking current before clamping
voltage
l High capability to withstand repeated lightning strikes.
l Low electrode capacitance(
≤1.0pF) and high isolation
(
≥100MΩ).
l Temperature, humidity and lightness insensitive.
l Working temperature range: : -45
~ +85
℃℃
l Storaging temperature range: -45℃ ~ +85℃
Applications
l Power Supplies
l Motor sparks eliminating
l Relay switching spark absorbing
l Data line pulse guarding
l Telephone/Fax/Modem
l High frequency signal transmitters/receivers
l Satellite antenna
l Radio amplifiers
l Alarm systems
l Cathode ray tubes in Monitors/ Television Viewing
Systems
Part Number Code
M
DC Spark
–
over voltage
tolerance
L
1
2
0
N:30%
M:20%
Brand Name
4
-
1
1
N
Taping form
Blank: Line
M:SMD
Surge Current
Capacity
102:1KA
DC Spark-over
voltage(Vs)
14*10
1
=140V
LM102 Series
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - LM102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM102 NSC-LM102 Datasheet
192Kb / 6P
Voltage Followers
logo
Intersil Corporation
LM102 INTERSIL-LM102 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
GOOD-ARK Electronics
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
M/A-COM Technology Solu...
LM102202-H-C-301 MA-COM-LM102202-H-C-301 Datasheet
754Kb / 6P
PIN Diode Limiter
LM102202-H-C-301-E MA-COM-LM102202-H-C-301-E Datasheet
754Kb / 6P
PIN Diode Limiter
More results

Similar Description - LM102

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com