Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM102 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM102
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM102 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM102 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM102 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Recommended Soldering Conditions
Flow Soldering Conditions
Hand Soldering
Solder iron temperature: 350±5℃
Heating time: 3 seconds max.
General attention to soldering
1.High soldering temperatures and long soldering times can cause
leaching of the termination, decrease in adherence strength, and
the change of characteristic may occur.
2.For soldering, please refer to the soldering curves above.
However, please keep exposures to temperatures exceeding 200℃
to fewer than 50 seconds.
3.Please use a mild flux (containing less than 0.2wt% CI). Also, if
the flux is water soluble, be sure to wash thoroughly to remove any
residue from the underside of components that could affect
resistance.
1) Time shown in the above figures is measured from the point when chip surface reaches temperature.
2) Temperature difference in high temperature part should be within 110℃
3) After soldering, do not force cool, allow the parts to cool gradually.
Cleaning
When using ultrasonic cleaning, the board may resonate if the output power is too high. Since this vibration can cause cracking or a decrease
in the adherence of the termination, we recommend that you use the conditions below.
Frequency: 40kHz max.
Output power: 20W/liter
Cleaning time: 5 minutes max.
Dimensions
DIM
Millimeters
Inches
A
5.0
±0.5
0.197
±0.02
C
Φ2.6±0.5
0.102
±0.02
D
Φ2.7±0.5
0.106
±0.02
250
200
150
100
50
0
150~180℃
Air Priheat
260℃
T
Soldering
Cooling
3~4 sec
60~120 sec
LM102 Series
Rev :
www.leiditech.com
01.06.2018
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com